データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PR3FJS

  • AI
    Based on the identification of the **PR3FJS**, this part number typically refers to a **Power MOSFET** (specifically a P-Channel MOSFET) often found in power management circuits, laptop motherboards, and battery charging modules. --- ### 1. General Specifications The PR3FJS is generally a surface-mount device (SMD) designed for high-efficiency switching. Below are the typical characteristics for this class of component: | Feature | Description | | :--- | :--- | | **Component Type** | P-Channel Enhancement Mode MOSFET | | **Package Type** | SOP-8 or DFN (varies by specific manufacturer) | | **Primary Function** | Load switching, PWM, and battery protection | | **Switching Speed** | Fast switching with low gate charge | --- ### 2. Key Electrical Parameters While exact values can shift slightly between manufacturers (such as Alpha & Omega or Fairchild equivalents), these parts usually adhere to the following logic: * **Drain-Source Voltage ($V_{DS}$):** Typically rated around **-30V**. * **Continuous Drain Current ($I_D$):** Often ranges between **-5A to -10A** depending on thermal dissipation. * **Low On-Resistance ($R_{DS(on)}$):** Designed to minimize power loss; usually in the range of **10mΩ to 30mΩ**. * **Gate-Source Voltage ($V_{GS}$):** Usually rated at **±20V**. --- ### 3. Pinout Configuration (Standard SOP-8) If the part is in an 8-pin package, the standard configuration is as follows: | Pin(s) | Function | Description | | :--- | :--- | :--- | | **1, 2, 3** | **Source (S)** | The terminal where the current enters (for P-Channel). | | **4** | **Gate (G)** | The control terminal (Voltage applied here turns the switch ON/OFF). | | **5, 6, 7, 8** | **Drain (D)** | The terminal where the current exits to the load. | --- ### 4. Common Applications 1. **Battery Management Systems (BMS):** Acts as a protection switch to prevent over-discharge. 2. **DC-DC Converters:** Used in the "high-side" of a buck converter. 3. **Reverse Polarity Protection:** Prevents damage if a battery or power supply is connected backward. 4. **Load Switching:** Turning peripheral power rails on and off within a laptop or mobile device. --- ### 5. Troubleshooting Tips If you are testing a **PR3FJS** with a multimeter: * **Diode Test:** You should see a voltage drop (body diode) between the Source and Drain in one direction only. * **Short Circuit:** If you measure near 0 ohms between Gate and Source, the MOSFET is likely blown. * **Visual Check:** Look for "pillowing" (swelling) or a small hole on the top of the casing, which indicates thermal failure.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your PR3FJS component?
    • ⤷ Do you need a list of equivalent replacement parts for this MOSFET?
    • ⤷ Are you troubleshooting a specific device
    • ⤷ such as a laptop motherboard?