データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PRCP-R020

  • AI
    The **PRCP-R020** is a specific model of **Resettable PTC (Positive Temperature Coefficient) Fuse**, commonly used for overcurrent protection in electronic circuits. It is part of the Polymer PTC family, often referred to by the brand name "Polyfuse" or "Multifuse." ### 1. Technical Specifications The following table highlights the core electrical characteristics of the PRCP-R020: | Parameter | Specification | Description | |:---|:---|:---| | **Hold Current ($I_{hold}$)** | 0.20 A (200mA) | The maximum current the device can carry without tripping. | | **Trip Current ($I_{trip}$)** | 0.40 A (400mA) | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 60V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40A | The maximum fault current the device can safely interrupt. | | **Power Dissipation** | 0.41 W | The typical power dissipated when in the tripped state. | | **Resistance ($R_{min}$ / $R_{max}$)** | 1.50 $\Omega$ / 2.84 $\Omega$ | The resistance range of the device in its initial state. | --- ### 2. How it Works Unlike a standard one-time fuse that "blows" and breaks the circuit permanently, the PRCP-R020 acts as a **thermistor**: 1. **Normal Operation:** At 200mA or less, the polymer material stays cool and conductive, allowing current to flow with minimal resistance. 2. **Fault Condition:** If the current exceeds 400mA (or a short circuit occurs), internal $I^2R$ heating causes the polymer to expand. 3. **Tripped State:** The expansion breaks the conductive chain within the polymer, increasing resistance dramatically and limiting the current to a safe leakage level. 4. **Resetting:** Once the fault is removed and the power is cycled (or the device cools down), the polymer contracts, and the device returns to a low-resistance state. --- ### 3. Physical Attributes and Applications The "PRCP" prefix usually denotes a specific form factor or manufacturer series (often associated with Bourns or similar high-quality manufacturers). * **Package Type:** Usually a **Radial Leaded** (through-hole) or **Surface Mount (SMD)** component depending on the specific suffix. * **Common Applications:** * USB port protection. * Battery pack charging circuits. * Low-voltage power supplies. * Motor protection for small DC motors. --- ### 4. Implementation Example To use this in a circuit, place it in series with the load you wish to protect. ```c // Schematic Representation [Power Supply (+)] ---- [PRCP-R020] ---- [Load/Circuit] ---- [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the typical 'Time to Trip' for the PRCP-R020 at 1.0A?
    • ⤷ How does ambient temperature affect the hold current of this PTC fuse?
    • ⤷ What are the primary differences between the PRCP-R020 and a standard glass fuse?