データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PRCP-R075

  • AI
    ### Overview of PRCP-R075 The **PRCP-R075** is a Resettable Fuse, specifically categorized as a **Polymeric Positive Temperature Coefficient (PPTC)** device. It is commonly used for overcurrent protection in electronic circuits. Unlike traditional one-time fuses, this component "resets" after the fault condition is removed and the power is cycled. --- ### Technical Specifications | Parameter | Value | | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.75 Amps | | **Trip Current ($I_{trip}$)** | 1.50 Amps | | **Max Voltage ($V_{max}$)** | 60V | | **Max Current ($I_{max}$)** | 40A | | **Mounting Type** | Radial Leaded (Through-hole) | | **Operating Temperature** | -40°C to +85°C | --- ### Key Features and Functionality #### 1. Resettable Mechanism The device is made of a conductive plastic (polymer) mixed with carbon black particles. * **Normal State:** The particles form conductive chains, allowing current to flow with low resistance. * **Tripped State:** When excessive current flows, $I^2R$ heating causes the polymer to expand. The carbon chains break, the resistance increases dramatically, and the current flow is restricted to a leakage level. * **Resetting:** Once the fault is cleared and the device cools down, the polymer contracts, reconnecting the carbon chains and restoring low resistance. #### 2. Protection Characteristics * **Overcurrent Protection:** Prevents damage to downstream components during short circuits. * **Self-Regulating:** Because it is thermally activated, it also provides a level of protection against ambient over-temperature conditions. #### 3. Common Applications * **Power Supplies:** Protecting against output shorts. * **Industrial Controls:** Safeguarding PLC I/O ports. * **Automotive Electronics:** Protection for small motors or accessory circuits. * **Computer Peripherals:** USB ports and plug-and-play interfaces. --- ### Comparison: PPTC vs. Traditional Fuse | Feature | PRCP-R075 (PPTC) | Traditional Wire Fuse | | :--- | :--- | :--- | | **Reusability** | Resettable multiple times | One-time use only | | **Resistance** | Higher initial resistance | Very low resistance | | **Response Time** | Slower (Thermal-based) | Faster (Melting-based) | | **Size** | Generally larger for same rating | Compact |
    ✨ Follow-up Questions
    • ⤷How does ambient temperature affect the trip current of the PRCP-R075?
    • ⤷ What is the typical 'Time to Trip' for this specific model?
    • ⤷ Can this fuse be used in AC voltage applications?