データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PRCP-RHT

  • AI
    The **PRCP-RHT series** refers to a specific line of **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuses manufactured by **Bourns**. These components are primarily used for overcurrent protection in electronic circuits. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Resettable Fuse (PPTC) | | **Technology** | Polymer-based thermistor | | **Operating Voltage** | Typically rated up to 16V - 30V (varies by model) | | **Hold Current ($I_{hold}$)** | The maximum current the device can carry without tripping. | | **Trip Current ($I_{trip}$)** | The minimum current that will cause the device to switch to high resistance. | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. How the PRCP-RHT Functions The PRCP-RHT operates on the principle of thermal expansion: 1. **Normal State:** Under normal current levels, the conductive particles inside the polymer form a low-resistance path, allowing current to flow freely. 2. **Overcurrent Event:** If the current exceeds the $I_{trip}$ threshold, the polymer heats up and expands. 3. **Tripped State:** The expansion breaks the conductive chains, causing the resistance to increase exponentially. This effectively "opens" the circuit and protects downstream components. 4. **Reset:** Once the fault is removed and the device cools down, the polymer contracts, and the device returns to a low-resistance state. --- ### 3. Distinctive Advantages of the RHT Series The **"RHT"** suffix usually denotes **High Temperature** performance. Compared to standard PPTC devices, the PRCP-RHT offers: * **Elevated Thermal Stability:** Designed to operate in environments with higher ambient temperatures (often up to 125°C). * **Reduced Derating:** While all PPTCs trip faster in heat, the RHT series maintains its $I_{hold}$ rating better at high temperatures than standard models. * **AEC-Q200 Compliance:** Most RHT parts are automotive-grade, making them suitable for under-the-hood electronics. --- ### 4. Common Applications * **Automotive Electronics:** Protection for motors, actuators, and infotainment systems. * **Industrial Controls:** Overcurrent protection in sensors and PLC modules. * **Battery Packs:** Protecting lithium cells from short circuits or rapid discharge. * **USB/Power Ports:** Safeguarding ports against peripheral malfunctions.
    ✨ Follow-up Questions
    • ⤷ What is the difference between $I_{hold}$ and $I_{trip}$ in a PRCP-RHT datasheet?
    • ⤷ How does ambient temperature affect the performance of these resettable fuses?
    • ⤷ Can the PRCP-RHT be used for high-voltage AC applications?