データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PRM1-R10-K

  • AI
    The **PRM1-R10-K** is a precision electronic component, typically categorized as a **Surface Mount (SMT) Power Resistor**. These components are engineered to handle higher power loads than standard chip resistors while maintaining a compact footprint. --- ### 1. Key Technical Specifications Below are the general specifications typical for the PRM series (specifically the 1W variants like the R10): | Parameter | Specification | | :--- | :--- | | **Component Type** | SMT Power Film Resistor | | **Resistance Value** | 0.10 $\Omega$ (indicated by "R10") | | **Power Rating** | 1 Watt | | **Tolerance** | $\pm 10\%$ (indicated by "K") | | **Package Style** | Molded SMD (Surface Mount Device) | | **Operating Temp** | -55°C to +150°C (Typical) | --- ### 2. Breakdown of the Part Number The alphanumeric code follows a specific naming convention used by manufacturers (often TE Connectivity or Neohm): * **PRM1**: Refers to the series and power rating. In this case, it is a **1-Watt** rated power resistor. * **R10**: Represents the resistance value. The "R" acts as a decimal point. Therefore, `R10 = 0.10 Ohms`. * **K**: Indicates the tolerance level. In the electronics industry, **K** represents **$\pm 10\%$**. --- ### 3. Construction and Features * **Molded Protection:** The "PRM" series usually features a flameproof molded package. This protects the resistive element from environmental moisture and mechanical stress. * **High Power-to-Size Ratio:** Designed to dissipate 1W of heat in a footprint significantly smaller than traditional wirewound resistors. * **Low Inductance:** Unlike standard wirewound resistors, these film-based resistors have low self-inductance, making them suitable for high-frequency switching applications. --- ### 4. Common Applications Due to its low resistance (0.10 $\Omega$) and 1W power rating, the PRM1-R10-K is commonly used for: 1. **Current Sensing:** Measuring the voltage drop across the resistor to determine current flow in a circuit. 2. **Feedback Loops:** Used in power supply regulation. 3. **Surge Protection:** Acting as a sacrificial or limiting element in small power modules. 4. **Motor Control:** Monitoring current in small DC motor drivers.
    ✨ Follow-up Questions
    • ⤷ What is the physical footprint size (EIA code) for the PRM1 series?
    • ⤷ Can this resistor be used in high-surge pulse applications?
    • ⤷ What are the alternatives if I need a tighter tolerance than 10%?