データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PRU-12-R

  • AI
    The **PRU-12-R** is an industrial-grade Power Supply Unit (PSU) typically manufactured by brands like **Autonics** or as part of specific automation series. It is designed to convert high-voltage AC input into a stabilized 12V DC output, primarily used to power sensors, controllers, and industrial relays. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics of the PRU-12-R series: | Component / Feature | Specification | | :--- | :--- | | **Input Voltage** | 100–240VAC (Universal Range) | | **Output Voltage** | 12V DC | | **Rated Current** | Varies by model (typically 1A to 2A) | | **Mounting Type** | DIN Rail or Bolt-on | | **Operation Indicator** | LED (usually Green for DC ON) | | **Protection Circuits** | Overcurrent, Short-circuit, Overheating | --- ### 2. Core Electronic Sections The PRU-12-R operates as a **Switching Mode Power Supply (SMPS)**. Its internal architecture consists of the following electronic stages: #### A. Input Filtering (EMI/RFI) * **Varistors (MOV):** Protect the unit from high-voltage surges or lightning strikes. * **X/Y Capacitors & Inductors:** Filter out electromagnetic interference (EMI) to prevent noise from leaking back into the power line. #### B. Rectification & Smoothing * **Bridge Rectifier:** Converts the AC input into a high-voltage pulsing DC. * **Bulk Capacitor:** Smooths the pulsing DC into a stable high-voltage DC bus. #### C. High-Frequency Switching * **PWM Controller IC:** The "brain" of the unit that regulates the output by switching a power MOSFET on and off at high frequencies (kHz). * **Switching Transformer:** Steps down the high-voltage DC to 12V DC while providing galvanic isolation between the input and output for safety. #### D. Output Rectification & Regulation * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC. * **LC Filter:** (Inductor and Capacitor) minimizes ripple voltage to ensure the 12V output is "clean" for sensitive electronics. --- ### 3. Protection Features * **Overcurrent Protection (OCP):** If the connected load draws more than the rated current, the unit enters "Hiccup mode" or shuts down to prevent the internal traces from melting. * **Isolation Resistance:** High dielectric strength (usually 2000VAC or higher) between the input terminals and the output/frame to ensure user safety. --- ### 4. Wiring Diagram Layout Typically, the terminals are organized as follows: ```text [ L ] [ N ] [ FG ] | [ -V ] [ +V ] (AC INPUT) | (DC OUTPUT) ``` 1. **L / N:** AC Power connection. 2. **FG (Frame Ground):** Must be connected to the earth to reduce noise and ensure safety. 3. **-V / +V:** Regulated 12V DC output for the load.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the Autonics PRU-12-R specifically?
    • ⤷ How do I troubleshoot a PRU-12-R if the Output LED is off?
    • ⤷ Can the PRU-12-R be used in parallel with another unit to increase power?