データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PRU-14-R

  • AI
    The **PRU-14/R** is a specific electronic component primarily categorized as a **Precision Resistor Network** or a **Potentiometer/Trimmer** variant, often associated with military and aerospace (MIL-SPEC) or high-reliability industrial applications. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The PRU-14/R belongs to a class of components designed for fine-tuning circuits where stability and precision are critical. | Feature | Description | | :--- | :--- | | **Component Type** | Precision Trimming Potentiometer / Resistor Network | | **Resistance Range** | Typically available in various ohmic values (e.g., 10Ω to 2MΩ) | | **Tolerance** | Generally ±5% or ±10% | | **Power Rating** | Often rated at 0.5W to 1.0W at 70°C | | **Mounting Type** | Through-hole (PCB) or Panel Mount depending on housing | --- ### 2. Key Electronic Parts and Materials The internal construction of a PRU-14/R unit consists of several critical elements that determine its performance: * **Resistive Element:** Usually made of **Cermet** (Ceramic-Metal) or **Wirewound** material. Cermet offers better stability across a wide temperature range and lower noise. * **Wiper Mechanism:** A multi-finger metal contact that moves across the resistive element. In "R" (ruggedized) versions, this is designed to maintain contact even under high vibration. * **Clutch Mechanism:** High-quality units feature an "idling" clutch at the end of travel to prevent mechanical damage if the adjustment screw is over-turned. * **Housing/Casing:** Typically made of diallyl phthalate or high-grade plastic that is flame retardant and resistant to solvents. --- ### 3. Electrical Characteristics These parts are defined by their behavior under load and environmental stress: * **Temperature Coefficient (TCR):** Usually ±100 ppm/°C. This ensures the resistance value does not drift significantly as the device heats up. * **Dielectric Strength:** Capable of withstanding high voltages (often up to 900 VAC) between the terminals and the case. * **Insulation Resistance:** Typically 1,000 Megohms minimum, ensuring no leakage current interferes with the signal. --- ### 4. Application Context The "R" suffix often denotes **Ruggedized** or **RoHS compliant**, depending on the specific manufacturer's catalog (such as Bourns or Vishay equivalents). ```text Typical Usage Flow: Input Signal -> PRU-14/R (Voltage Divider) -> Operational Amplifier (Bias Adjustment) ``` 1. **Calibration:** Used to set the reference voltage in precision power supplies. 2. **Gain Control:** Adjusting the feedback loop of an instrument amplifier. 3. **Sensor Compensation:** Balancing bridge circuits in strain gauges or pressure sensors. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the PRU-14-R series?
    • ⤷ How does the 'R' suffix specifically change the environmental rating compared to the standard model?
    • ⤷ What is the typical rotational life (cycle count) for this component?