データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PRU-84-R

  • AI
    The **PRU-84-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications The "PRU" series generally refers to high-current, shielded power inductors. Below is a breakdown of the typical electronic characteristics for this part: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Inductance Range** | Typically 0.47µH to 22µH (Series dependent) | | **Mounting Type** | Surface Mount (SMT) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Core Material** | Ferrite or Metal Alloy powder | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Roles in a Circuit The PRU-84-R serves three primary electronic functions: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the switching cycle. 2. **Noise Filtration:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC to pass. 3. **Current Smoothing:** It prevents sudden changes in current, ensuring a stable output for sensitive microprocessors. --- ### 3. Physical Construction The "84" in the part number often refers to the physical footprint (e.g., approximately 8.0mm x 8.0mm or 4.0mm height), though this varies by manufacturer (such as Allied Components or proprietary brands). * **Shielding:** The "R" often signifies RoHS compliance or a specific taping/reeling method. The shielded construction is critical for high-density PCBs where components are packed closely together, as it prevents the inductor's magnetic field from interfering with nearby traces. --- ### 4. Common Applications * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU power phases. * **Embedded Systems:** Industrial controllers requiring stable power rails. * **Telecommunications:** DC-DC line filters and power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the '84-R' variant?
    • ⤷ Which manufacturers produce the PRU-84 series?
    • ⤷ Can this inductor be used in high-frequency switching power supplies?