データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PS-RK-80S

  • AI
    The **PS-RK-80S** is a high-performance, single-output switching power supply (SMPS) commonly used in industrial automation, telecommunications, and high-end audio equipment. It is recognized for its compact form factor and high efficiency. --- ### Core Electronic Specifications | Component Feature | Specification / Detail | | :--- | :--- | | **Input Voltage Range** | 85V AC to 264V AC (Universal) or 120V to 370V DC | | **Output Voltage** | Typically 24V DC (Model dependent versions exist) | | **Power Rating** | 80 Watts | | **Cooling Method** | Natural Convection (No fan required) | | **Protection Circuitry** | Overload, Overvoltage, and Short Circuit Protection | | **Efficiency** | Typically 85% - 88% | --- ### Key Internal Electronic Components The PS-RK-80S utilizes a series of specialized electronic stages to convert AC wall power into stable DC power: #### 1. Input Filter & Rectification * **EMI Filter:** Contains X and Y capacitors and a common-mode choke to prevent electromagnetic interference from leaking back into the grid. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage. #### 2. Switching & Control Section * **PWM Controller IC:** The "brain" of the unit. It modulates the pulse width to maintain a steady output voltage regardless of load changes. * **Power MOSFET:** High-speed switching transistor that "chops" the DC voltage at high frequencies (typically 50kHz to 100kHz), allowing for a much smaller transformer. #### 3. Isolation & Transformation * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage input and the safe low-voltage output. Because it operates at high frequency, it is significantly smaller than a standard 50/60Hz transformer. #### 4. Output Rectification & Filtering * **Schottky Diodes:** Used for secondary rectification due to their low forward voltage drop and fast switching speeds. * **Low-ESR Electrolytic Capacitors:** These smooth the high-frequency pulses into a clean, "flat" DC voltage. --- ### Safety and Protection Features 1. **Over-Current Protection (OCP):** Automatically limits current or enters "hiccup mode" if a short circuit occurs. 2. **Over-Voltage Protection (OVP):** Shuts down the unit if the internal feedback loop fails, preventing damage to the connected device. 3. **Isolation Voltage:** Typically rated for **3000V AC** between input and output to ensure operator safety.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the PS-RK-80S connectors?
    • ⤷ How does the efficiency of the PS-RK-80S compare to standard linear power supplies?
    • ⤷ What is the typical MTBF (Mean Time Between Failures) for this specific power module?