データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PS1000-R06L

  • AI
    The **PS1000-R06L** is a compact, miniature electronic pressure switch manufactured by **SMC**. It is primarily used in pneumatic systems to monitor vacuum or positive pressure and provide a digital output signal when a specific threshold is reached. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic and physical characteristics of the PS1000-R06L: | Feature | Specification | | :--- | :--- | | **Pressure Range** | -0.1 to 0.45 MPa (Vacuum/Low Pressure) | | **Output Type** | Solid state (Open Collector) | | **Switch Output** | NPN / PNP (Depends on wiring configuration) | | **Input Voltage** | 12 to 24 VDC | | **Current Consumption** | 15 mA or less | | **Connection Type** | R06 (ø6mm Plug-in reducer) | | **Indicator Light** | Red LED (Lights up when ON) | --- ### 2. Internal Electronic Components The device functions through several integrated electronic layers: * **Pressure Sensor (Piezoelectric):** The core component is a silicon-based micromachined diaphragm. When pressure changes, the diaphragm deforms, changing its electrical resistance. * **Signal Conditioner:** An internal ASIC (Application-Specific Integrated Circuit) converts the analog signal from the sensor into a stable digital state. * **Potentiometer:** Located on the side of the housing, this variable resistor allows the user to manually set the "Switching Point" (the exact pressure level where the output triggers). * **Protection Circuitry:** Includes protection against reverse polarity (if the +/- wires are swapped) and short-circuit protection to prevent the internal electronics from burning out. --- ### 3. Wiring and Pinout The PS1000 series typically uses a 2-wire or 3-wire system. For the R06L model: * **Brown Wire:** Positive Power Supply (+V) * **Blue Wire:** Negative / Ground (0V) * **Black Wire:** Output Signal (Load) --- ### 4. Practical Application Because the **R06L** uses a "plug-in" reducer (6mm stem), it is designed to be pushed directly into a One-touch fitting. It is commonly used in: 1. **Suction Verification:** Checking if a vacuum pad has successfully picked up a part. 2. **Leak Detection:** Monitoring if a pressurized system holds its value. 3. **Cylinder Monitoring:** Ensuring a pneumatic actuator has reached the required pressure to move a load.
    ✨ Follow-up Questions
    • ⤷ How do you adjust the sensitivity or set-point on the PS1000-R06L?
    • ⤷ What is the difference between the PS1000 and the PS1100 series?
    • ⤷ Can this sensor be used for high-pressure hydraulic applications?