データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PS5025

  • AI
    The **PS5025** is typically identified as a high-performance **Solid State Drive (SSD) Controller** manufactured by **Phison Electronics**. It is specifically designed to manage NAND flash memory and interface with a host system via the PCIe bus. Below is a breakdown of its electronic components, architecture, and technical specifications. --- ### 1. Core Architecture The PS5025 (often marketed as the Phison E25) is a PCIe Gen4 x4 NVMe controller. It acts as the "brain" of the SSD, handling data flow between the computer and the flash storage chips. | Feature | Specification | | :--- | :--- | | **Interface** | PCIe Gen4 x4 | | **Protocol** | NVMe 2.0 | | **Process Node** | 12nm (TSMC) | | **Channels** | 4-Channel with up to 16 CEs (Chip Enables) | | **DRAM Support** | DRAM-less (Uses HMB - Host Memory Buffer) | --- ### 2. Key Electronic Functions The internal circuitry of the PS5025 includes several critical subsystems: #### A. Error Correction Code (ECC) It utilizes Phison’s proprietary **LDPC (Low-Density Parity-Check)** 5th or 6th generation engine. This is vital for maintaining data integrity as NAND flash cells degrade over time. #### B. Flash Management * **Wear Leveling:** Evenly distributes write/erase cycles across the flash memory to extend the drive's lifespan. * **Bad Block Management:** Identifies and "retires" faulty memory cells. * **Thermal Throttling:** Internal sensors monitor heat; the controller reduces clock speeds if temperatures exceed safe limits to protect the silicon. #### C. Power Management The controller integrates a **Power Management IC (PMIC)** interface to support various power states (L1.2 sleep mode), ensuring low power consumption for laptop users. --- ### 3. Performance Metrics When paired with high-speed 3D TLC or QLC NAND, the PS5025 electronics enable the following speeds: | Metric | Target Performance | | :--- | :--- | | **Sequential Read** | Up to 5,000 MB/s | | **Sequential Write** | Up to 4,400 MB/s | | **Random Read (IOPS)** | Up to 850K | | **Random Write (IOPS)** | Up to 800K | --- ### 4. Comparison: PS5025 vs. PS5021 The PS5025 is an evolution of the previous mainstream controllers, offering better efficiency and higher throughput. ```markdown Comparison Table: | Feature | PS5021 (E21T) | PS5025 (E25) | | :--- | :--- | :--- | | Max Read Speed | 5,000 MB/s | 5,000 MB/s+ (Better Latency) | | NAND Speed | 1600 MT/s | 2400 MT/s | | Process | 12nm | 12nm (Optimized) | ``` --- ### Summary The PS5025 is a **DRAM-less PCIe 4.0 controller** optimized for the "mainstream" SSD market. It balances cost-effectiveness by using the host's RAM (HMB) instead of dedicated onboard DDR4/5 chips, while still providing high-end Gen4 speeds through its 12nm logic gates and advanced ECC.
    ✨ Follow-up Questions
    • ⤷What is the difference between a DRAM-less controller and one with dedicated DRAM?
    • ⤷ Which NAND flash brands are most compatible with the Phison PS5025?
    • ⤷ How does Host Memory Buffer (HMB) technology work in this controller?