データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PS50F1

  • AI
    The **PS50F1** is a high-voltage power supply module typically used in professional laboratory settings, industrial laser applications, and high-precision testing environments. It is designed to provide stable DC power with a focus on low ripple and precise regulation. --- ### ## Core Specifications The following table outlines the general electronic characteristics associated with the PS50F1 series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | Typically 100-240V AC (Auto-ranging) | | **Output Voltage** | 0 to 50kV (Adjustable) | | **Output Current** | ~1.0mA (Model dependent) | | **Polarity** | Fixed Positive or Negative (Specified at purchase) | | **Efficiency** | > 80% at full load | | **Regulation** | Line: 0.01% / Load: 0.01% | --- ### ### Key Electronic Components The internal architecture of the PS50F1 relies on several critical subsystems: 1. **PWM Controller:** Uses Pulse Width Modulation to regulate the switching frequency of the input stage, ensuring high efficiency and stable output regardless of input fluctuations. 2. **High-Frequency Transformer:** A specialized step-up transformer designed with high insulation ratings to prevent internal arcing. It converts the low-voltage switched DC into a high-voltage AC waveform. 3. **Cockcroft-Walton Multiplier:** A circuit of diodes and capacitors that rectifies and multiplies the high-voltage AC from the transformer into the final high-voltage DC output. 4. **Feedback Network (Voltage Divider):** A high-precision, high-stability resistor string used to sample the output voltage. This feedback is sent back to the control loop to maintain exact voltage levels. 5. **Protection Circuitry:** Includes Over-Voltage Protection (OVP), Over-Current Protection (OCP), and Arc Quenching logic to protect the unit from load failures. --- ### ### Safety and Operational Considerations Because the PS50F1 deals with voltages up to 50kV, specific electronic safety measures are integrated: * **Remote Interlock:** A physical loop that must be closed for the high voltage to be active. * **Analog Control:** Often features 0-10V control inputs to allow PLC or computer-controlled voltage ramping. * **Corona Shielding:** The internal high-voltage section is often encapsulated (potted) in epoxy or silicone to prevent ozone generation and electrical discharge.
    ✨ Follow-up Questions
    • ⤷ What are the typical application fields for 50kV power supplies?
    • ⤷ How does the ripple voltage affect sensitive laboratory equipment?
    • ⤷ What is the difference between positive and negative polarity versions of this module?