データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PS50GGN

  • AI
    Based on the part number **PS50GGN**, this appears to be a high-performance **Bridge Rectifier** (likely manufactured by brands like Vishay, Diodes Inc, or similar industrial semiconductor suppliers). These components are critical for converting Alternating Current (AC) to Direct Current (DC) in power supplies. --- ### 1. Technical Specifications Below are the typical electronic characteristics for a bridge rectifier in the "PS50" series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Single-Phase Bridge | Full-wave rectification | | **Max Forward Current ($I_{F}$)** | 50 Amperes | Maximum continuous DC output | | **Peak Reverse Voltage ($V_{RRM}$)** | 50V - 1000V* | Max voltage the diode can block | | **Forward Voltage Drop ($V_{F}$)** | ~1.1V | Voltage lost across each diode | | **Case Style** | GBPC / KBPC | Large square metal/plastic casing | | **Terminals** | Faston / Solder | 0.25" quick-connect or wire terminals | *\*Note: The "GGN" suffix often indicates specific package enhancements, lead-free compliance, or a specific voltage rating within the 400V-600V range depending on the manufacturer's datasheet.* --- ### 2. Core Electronic Components A bridge rectifier like the PS50GGN is not a single component, but an integrated circuit containing four discrete parts: 1. **Diodes (x4):** Arranged in a bridge configuration to ensure that regardless of the AC input polarity, the output remains positive. 2. **Internal Heat Sink / Substrate:** Because 50A generates significant heat ($P = I \times V$), the internal diodes are bonded to a ceramic or metal plate. 3. **Encapsulation:** High-temperature epoxy resin that protects the silicon wafers from moisture and mechanical shock. 4. **Metal Base:** The bottom is usually a metal plate designed to be bolted directly to an external aluminum heat sink. --- ### 3. Connection Pinout Most PS50 series parts use a standard layout: * **AC Leads (~):** Two diagonally opposite pins where the transformer output or wall power is connected. * **Positive Lead (+):** The DC output terminal (usually marked with a notched corner on the casing). * **Negative Lead (-):** The DC return terminal. --- ### 4. Common Applications * **High Power DC Supplies:** Used in battery chargers and welding equipment. * **Industrial Automation:** Powering DC motors and actuators. * **Audio Amplifiers:** Converting transformer AC to clean DC for high-wattage sound systems.
    ✨ Follow-up Questions
    • ⤷ What is the specific voltage rating for the 'GGN' suffix in this series?
    • ⤷ Does this component require an external heat sink for 50A operation?
    • ⤷ What are the common failure modes for bridge rectifiers like the PS50GGN?