データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PS50GR

  • AI
    The **PS50GR** is a specialized power supply module, commonly associated with industrial control systems (such as PLC racks) or specific high-output LED drivers. Based on technical specifications for the industrial PS50GR series, here is an explanation of its internal electronic components and architecture. --- ### 1. Primary Functional Blocks The PS50GR operates as a **Switch-Mode Power Supply (SMPS)**. It converts AC mains voltage into stabilized DC power using high-frequency switching. | Component Group | Key Parts Involved | Function | | :--- | :--- | :--- | | **Input Filter** | X/Y Capacitors, Common Mode Chokes | Suppresses EMI/RFI noise from entering or leaving the unit. | | **Rectification** | Bridge Rectifier (Diodes) | Converts incoming AC (110V/220V) into high-voltage DC. | | **Switching Stage** | MOSFETs / IGBTs | High-speed transistors that "chop" DC into high-frequency pulses. | | **Transformation** | Ferrite Core Transformer | Provides galvanic isolation and steps voltage down. | | **Output Stage** | Schottky Diodes & Low ESR Caps | Rectifies the high-frequency AC back to stable DC. | --- ### 2. Key Electronic Parts and Their Roles #### A. Power MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) These are the "heart" of the switching circuit. The PS50GR uses power MOSFETs to handle high currents with minimal heat loss. They are usually mounted to an aluminum heatsink to dissipate thermal energy. #### B. PWM Controller IC This integrated circuit manages the "Pulse Width Modulation." It monitors the output voltage and adjusts the duty cycle of the MOSFETs to ensure the output stays constant regardless of load fluctuations. #### C. Electrolytic Capacitors (Filter Bank) * **High-Voltage Side:** Large "bulk" capacitors (typically rated for 400V-450V) smooth the rectified AC input. * **Low-Voltage Side:** Low-ESR (Equivalent Series Resistance) capacitors smooth the ripple on the output DC line to prevent interference with sensitive logic circuits. #### D. Optocouplers Used for feedback loops. They allow the output side of the circuit to communicate with the input side via light pulses, maintaining **galvanic isolation** for safety. --- ### 3. Protection Circuitry The PS50GR includes several electronic safety components to prevent damage to the connected hardware: * **Varistors (MOV):** Protect against high-voltage surges (e.g., lightning strikes). * **Shunt Resistors:** Used for current sensing; if the current exceeds 50W/5A limits, the PWM IC shuts down the output. * **Thermal Fuse/Thermistor:** Monitors the internal temperature of the unit. --- ### 4. Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Input Voltage** | 85 - 264V AC | | **Efficiency** | Typically >85% | | **Cooling** | Passive Convection (Heatsinks) | | **Output Type** | Regulated DC |
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage rating for the PS50GR model you are using?
    • ⤷ How do optocouplers maintain safety in industrial power supplies?
    • ⤷ What are the common failure points in SMPS units like the PS50GR?