データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PS50GY

  • AI
    The **PS50GY** is typically identified as a specialized **pressure sensor** (often a silicon-based piezoresistive transducer) or a **pressure switch** commonly used in industrial automation, HVAC systems, or automotive applications. Below is a breakdown of its core electronic components and functional characteristics. --- ## 1. Internal Electronic Architecture The PS50GY relies on a combination of mechanical sensing and electronic signal conditioning. | Component | Description | Function | | :--- | :--- | :--- | | **Piezoresistive Element** | Silicon-based micro-machined diaphragm. | Converts physical pressure into a change in electrical resistance. | | **ASIC (Application Specific IC)** | Integrated circuit chip. | Performs signal amplification, temperature compensation, and linearization. | | **Bridge Circuit** | Wheatstone bridge configuration. | Detects minute changes in resistance from the sensor element. | | **Output Stage** | Transistor or Analog Driver. | Converts the internal signal to a standard output (e.g., 4-20mA, 0-5V, or NPN/PNP switch). | --- ## 2. Key Technical Specifications Electronic performance is defined by the following parameters: ### Power & Signal * **Supply Voltage:** Typically operates between **12V to 24V DC**. * **Output Signal:** Usually an analog voltage (0.5V – 4.5V) or a digital switching output. * **Current Consumption:** Low power draw, generally under **15mA**. ### Sensitivity & Accuracy * **Response Time:** Usually < 2ms, allowing for real-time monitoring. * **Thermal Compensation:** Built-in circuitry to ensure the electronic readings remain accurate despite fluctuations in ambient temperature. --- ## 3. Physical Electronic Interface The PS50GY features specific connection points to integrate with a Control Unit (ECU) or PLC: 1. **Vcc (Power):** Red or Brown wire/pin. 2. **GND (Ground):** Black or Blue wire/pin. 3. **Vout (Signal):** Yellow or White wire/pin. This transmits the modulated electronic signal representing the pressure level. --- ## 4. Protection Circuitry To ensure longevity in industrial environments, the internal electronics include: * **Reverse Polarity Protection:** Prevents damage if the power leads are connected backwards. * **Overvoltage Protection:** Shields the ASIC from voltage spikes. * **EMI/RFI Shielding:** The metal housing (if applicable) or internal capacitors filter out electromagnetic interference. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pressure range supported by the PS50GY sensor?
    • ⤷ How do you calibrate the output signal of this device?
    • ⤷ Is the PS50GY compatible with Arduino or similar microcontrollers?