データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PSM63-R22M

  • AI
    The **PSM63-R22M** is a specific type of **Power Inductor**, typically used in automotive and industrial power electronics. It is part of a series known for high current handling and a compact, shielded design. --- ### 1. Component Overview The part number can be broken down into specific technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | PSM63 | Refers to the physical dimensions (approx. 6.3mm x 6.3mm). | | **Inductance** | R22 | Represents **0.22 µH** (Microhenries). | | **Tolerance** | M | Represents **±20%** tolerance. | | **Type** | Shielded | Magnetic shielding to reduce Electromagnetic Interference (EMI). | --- ### 2. Technical Specifications While exact specifications can vary slightly by manufacturer (such as Sumida or Cyntec), a typical PSM63-R22M inductor follows these constraints: * **Inductance:** 0.22 µH * **DC Resistance (DCR):** Extremely low (often < 5 mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** High, typically ranging from 10A to 20A depending on the specific core material. * **Operating Temperature:** Generally rated for -40°C to +125°C or +150°C (Automotive Grade). * **Construction:** Metal alloy composite core or ferrite core with flat wire windings. --- ### 3. Key Electronic Functions The PSM63-R22M serves three primary roles in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It smoothes out high-frequency ripples in output current to provide a stable DC voltage. 3. **EMI Suppression:** Because it is shielded, it prevents magnetic flux from leaking and interfering with nearby sensitive components (like sensors or microcontrollers). --- ### 4. Applications Due to its low inductance (0.22 µH) and high current capacity, this part is ideal for **high-frequency switching power supplies**: * **Automotive:** ECU power modules, ADAS systems, and LED lighting drivers. * **Computing:** High-current Point-of-Load (POL) converters for CPUs and GPUs. * **Industrial:** Compact motor drives and power distribution units. --- ### 5. Footprint (Example) The "63" in the name usually indicates the surface mount (SMD) footprint size. ```text Dimension Guide: Length: ~ 6.3 mm Width: ~ 6.3 mm Height: ~ 3.0 mm to 5.0 mm (varies by sub-type) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between R22 and 2R2 inductance values?
    • ⤷ How does saturation current affect the performance of this inductor?
    • ⤷ Which manufacturers currently produce the PSM63 series?