データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PSO2C

  • AI
    It appears you are referring to the **PS02C**, which is a high-precision digital pressure sensor module (often manufactured by companies like HopeRF or based on the MS5611/MS5803 architecture). These components are widely used in altimeters, drones, and weather stations. --- ## 1. Technical Specifications Table The PS02C (and its variations) is characterized by high resolution and low power consumption. | Feature | Specification | | :--- | :--- | | **Pressure Range** | 10 to 1200 mbar | | **Interface** | I2C and SPI (usually selectable) | | **Resolution** | Up to 0.012 mbar | | **Operating Voltage** | 1.8V to 3.6V | | **Current Consumption** | ~1μA (Standby), ~1.4mA (Active Peak) | | **Temperature Range** | -40°C to +85°C | --- ## 2. Core Electronic Components The module is not a single piece of silicon but a **Multi-Chip Module (MCM)** containing two primary parts: ### A. Piezoresistive Pressure Sensor * **Function:** The physical "sensing" element. * **Mechanism:** It consists of a micromachined silicon diaphragm with strain gauges. When air pressure changes, the diaphragm bends, changing the electrical resistance (the piezoresistive effect). ### B. Analog-to-Digital Interface IC (ASIC) * **ADC:** A 24-bit Sigma-Delta ADC converts the tiny analog voltage changes from the sensor into a digital signal. * **PROM:** Contains factory-calibrated coefficients. Because every sensor has slight manufacturing variations, these coefficients are used by your microcontroller to calculate the exact pressure and temperature. * **Digital Logic:** Manages the communication protocols (I2C/SPI). --- ## 3. Pin Configuration & Wiring Standard modules usually feature a 4 to 8 pin breakout. | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power Supply | 1.8V - 3.6V Input | | **GND** | Ground | 0V | | **SCL** | Serial Clock | Clock line for I2C/SPI | | **SDA** | Serial Data | Data line for I2C/SPI | | **CSB** | Chip Select | Used to select the chip in SPI mode | | **PS** | Protocol Select | High for I2C, Low for SPI | --- ## 4. Implementation Example (Microcontroller Logic) To get data from the PS02C, a developer follows this logical flow: 1. **Reset:** Send a reset command to clear the internal registers. 2. **Read PROM:** Fetch the 6-7 calibration coefficients unique to that specific chip. 3. **Request Conversion:** Tell the sensor to measure D1 (Pressure) and D2 (Temperature). 4. **Calculate:** Use the mathematical formulas provided in the datasheet to apply the PROM coefficients to the raw D1/D2 values. ```c // Example Pseudocode for I2C Initialization void setupPS02C() { Wire.begin(); Wire.beginTransmission(PS02C_ADDR); Wire.write(0x1E); // Reset Command Wire.endTransmission(); delay(10); } ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate altitude from the PS02C pressure readings?
    • ⤷ What is the difference between the PS02C and the BMP280 sensor?
    • ⤷ What are the common I2C addresses for this module?