データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PSSL-0804HC-R33M-B

  • AI
    ## Technical Overview of PSSL-0804HC-R33M-B The **PSSL-0804HC-R33M-B** is a high-performance **Power Inductor**, typically categorized as a surface-mount device (SMD) shielded power inductor. These components are designed for high-current applications where stability and low electromagnetic interference (EMI) are critical. --- ### 1. Part Number Breakdown (Typical Nomenclature) While specific manufacturer prefixes may vary, the part number usually encodes the following specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **PSSL** | Series Code | Shielded SMD Power Inductor series. | | **0804** | Case Size | Dimensions (approx. 8.0mm x 4.0mm). | | **HC** | Characteristic | High Current / High Power rating. | | **R33** | Inductance Value | **0.33 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Standard for power inductors). | | **B** | Packaging/Finish | Often denotes Bulk or specific Lead-free finish. | --- ### 2. Key Electrical Specifications Based on the standard parameters for this specific 0.33µH high-current inductor: * **Inductance:** 0.33 µH * **Tolerance:** ±20% * **Shielding:** Magnetic shielding (reduces EMI and crosstalk). * **DCR (Direct Current Resistance):** Extremely low, usually measured in milli-ohms (mΩ), to minimize power loss. * **Saturation Current ($I_{sat}$):** The current at which inductance drops (usually by 20-30%). These parts are designed to handle high peak currents without saturating. * **Temperature Rise Current ($I_{rms}$):** The steady-state current that causes a specific temperature increase (usually 40°C). --- ### 3. Construction and Material 1. **Core Material:** Usually a composite iron powder or ferrite core. 2. **Shielding:** The "HC" (High Current) designation often implies a molded construction where the coil is embedded in a magnetic metal powder, providing excellent shielding and high saturation points. 3. **Terminals:** Solder-plated copper for Surface Mount Technology (SMT) assembly. --- ### 4. Common Applications This component is used in circuits requiring high efficiency and small footprints: * **DC-DC Converters:** Voltage regulator modules (VRMs) for CPUs and GPUs. * **Power Supplies:** High-frequency switching power supplies. * **Automotive Electronics:** Infotainment and driver assistance systems. * **Mobile Devices:** Battery management systems in smartphones or tablets. --- ### 5. Benefits of the "HC" (High Current) Design * **Low Profile:** High power density in a small physical volume. * **Low Buzz Noise:** Molded construction reduces acoustic noise caused by magnetostriction. * **Efficiency:** Very low DCR ensures that energy is not wasted as heat, extending battery life in portable electronics.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the PSSL-0804HC series?
    • ⤷ How does the 'R33' inductance value affect the ripple current in a buck converter?
    • ⤷ What are the recommended footprint dimensions for soldering this SMD part?