データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PT570110..

  • AI
    The **PT570110** is a high-quality, general-purpose industrial relay manufactured by **TE Connectivity (Schrack)**. It is widely used in control panels, automation systems, and electrical engineering applications due to its reliability and compact size. ### 1. Technical Specifications The following table summarizes the key electrical and mechanical characteristics of the PT570110: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | 4 Pole Double Throw (4PDT / 4CO) | | **Rated Current** | 6A | | **Rated Voltage (AC)** | 110 VAC | | **Coil Resistance** | ~4880 $\Omega$ (Typical) | | **Contact Material** | AgNi 90/10 (Silver Nickel) | | **Mounting Type** | Socket / Plug-in | | **Mechanical Endurance** | >20 million operations | --- ### 2. Key Internal Components The PT570110 consists of several critical electronic and mechanical parts: * **Electromagnetic Coil:** Wound with fine copper wire designed to energize at **110V AC**. When powered, it creates a magnetic field that moves the armature. * **Armature & Spring:** The mechanical linkage that moves the contacts. The spring ensures the contacts return to their "Normally Closed" (NC) position when power is removed. * **Contacts (4PDT):** It features four independent sets of change-over contacts. Using Silver Nickel (AgNi) allows for a good balance between conductivity and resistance to contact welding/arcing. * **Mechanical Indicator:** A small orange/red plastic tab that physically moves to show whether the relay is energized. * **Manual Test Tab:** A small lever on the top that allows technicians to manually force the contacts to close for circuit testing without applying coil power. --- ### 3. Application Use Cases Due to its 4-pole design, this relay is excellent for: 1. **Signal Multiplying:** Taking one input signal and switching four separate circuits simultaneously. 2. **Logic Interlocking:** Creating hardware-level safety interlocks in industrial machines. 3. **Interface Switching:** Bridging the gap between low-power controllers (PLCs) and high-power actuators like motors or solenoids. ### 4. Wiring Diagram (Pinout) The pin layout typically follows the industrial standard for "Miniature Relay" sockets: * **A1, A2:** Coil terminals (110VAC input). * **11, 21, 31, 41:** Common (COM) terminals. * **12, 22, 32, 42:** Normally Closed (NC) terminals. * **14, 24, 34, 44:** Normally Open (NO) terminals. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible socket bases for the PT570110 relay?
    • ⤷ How does the AC coil version differ from the DC coil version in terms of power consumption?
    • ⤷ What is the maximum switching voltage supported by this relay?