データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PTPH-16G-R

  • AI
    The **PTPH-16G-R** is a high-performance, shielded RJ45 connector, specifically designed for high-speed data transmission systems such as Gigabit Ethernet. This component is commonly used in networking hardware, industrial computers, and telecommunications equipment. ### 1. Key Technical Specifications The following table highlights the primary electronic and physical characteristics of the PTPH-16G-R: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Data Rate Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Shielding** | Fully Shielded (Metal Housing) | | **Mounting Type** | Through-hole (PCB Mount) | | **Orientation** | Right Angle / Horizontal | | **Contact Plating** | Gold over Nickel | | **Integrated Magnetics** | Often includes internal transformers/chokes (MagJack) | --- ### 2. Core Electronic Components The PTPH-16G-R is more than just a mechanical socket; it contains sophisticated electronic sub-assemblies: #### A. Internal Magnetics (Isolation Transformers) * **Purpose:** Provides galvanic isolation to protect the internal circuitry from voltage spikes or static on the Ethernet cable. * **Function:** It filters the signal to ensure impedance matching and noise reduction, allowing for clean data transmission over long cable lengths. #### B. Common Mode Chokes * Used to suppress Electromagnetic Interference (EMI). It filters out high-frequency noise that might be picked up by the twisted pair cables, ensuring compliance with FCC/CE emissions standards. #### C. LED Indicators * Usually features integrated Green and Yellow LEDs. * **Electronic Logic:** These are connected to the PHY (Physical Layer) chip to indicate "Link" status and "Activity" (data transmission). #### D. Shielding Structure * The outer metal shell acts as a **Faraday Cage**. It is grounded to the PCB to prevent external RFI (Radio Frequency Interference) from degrading the signal quality inside the connector. --- ### 3. Application Schematic Example When integrating this part into a PCB design, the pinout typically follows this logic: ```cpp // Typical Pin mapping for a MagJack like PTPH-16G-R Pins 1-8: Differential Pairs (TRD0±, TRD1±, TRD2±, TRD3±) Pins 9-12: LED Cathodes/Anodes (Status Indicators) Shield Pins: Connected to Chassis Ground ``` --- ### 4. Summary of Benefits * **Signal Integrity:** High-quality gold plating reduces contact resistance. * **Space Saving:** By integrating the magnetics and LEDs into the connector housing, it saves significant PCB "real estate" compared to using discrete components. * **Durability:** Designed for thousands of mating cycles in industrial environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature profiles recommended for the PTPH-16G-R?
    • ⤷ How does the 'R' suffix in the part number affect the mounting orientation?
    • ⤷ Which Ethernet PHY chips are most compatible with this integrated connector?