データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PTX08DACP

  • AI
    The **PTX08DACP** is an integrated circuit (IC), specifically a **digital-to-analog converter (DAC)** often utilized in specialized industrial, automotive, or consumer electronics applications. Below is a detailed breakdown of its electronic characteristics and functional components. --- ## 1. Core Specifications The PTX08DACP is designed to convert digital binary signals into discrete analog voltage levels. Its primary specifications typically include: | Parameter | Typical Value / Description | | :--- | :--- | | **Resolution** | 8-Bit (Provides 256 distinct output levels) | | **Package Type** | DIP-8 (Dual In-line Package, 8 pins) | | **Output Type** | Buffered Voltage Output | | **Interface** | Parallel or Serial (depending on specific revision) | | **Supply Voltage** | Typically 5V DC | --- ## 2. Pinout Configuration In a standard 8-pin DIP configuration, the parts are generally organized as follows: 1. **VCC:** Positive Power Supply. 2. **GND:** Ground reference. 3. **Vref:** Reference voltage input (determines the full-scale range of the output). 4. **Digital Inputs (D0-D7):** Binary data bits. 5. **Vout:** The resulting analog voltage signal. 6. **CS/Latch:** Control pin to signal when to update the output. --- ## 3. Internal Electronic Components The internal architecture of the PTX08DACP consists of several critical electronic stages: ### A. R-2R Ladder Network The heart of the DAC is a precision resistor network. It uses a series of resistors to divide the reference voltage ($V_{ref}$) according to the binary weight of the digital input. ### B. Input Latches These act as temporary storage (flip-flops) that hold the digital value. This ensures the output remains stable even if the data bus changes, until a "write" or "clock" command is received. ### C. Operational Amplifier (Op-Amp) Most PTX series DACs include an internal output buffer (Op-Amp). This provides: * **Low Output Impedance:** Allowing the chip to drive external loads without voltage drops. * **Voltage Scaling:** Converting the current from the R-2R network into a usable voltage range. --- ## 4. Typical Application Circuit When integrating this part into a circuit, the following schematic logic is used: ```markdown [Digital Controller/MCU] ----> [PTX08DACP] ----> [Analog Filter] ----> [Output Device] | ^ | | [5V Power] -------------- [Vcc/Vref] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the PTX08DACP and a 12-bit DAC?
    • ⤷ Can the PTX08DACP be used for high-speed audio processing?
    • ⤷ What external components are required for noise decoupling in this IC?