データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PV-C20-R2

  • AI
    The **PV-C20-R2** is a specialized electronic component, typically categorized as a **Circular Plastic Connector** or a **Photovoltaic (PV) specialized connector** (often associated with brands like TE Connectivity or similar industrial manufacturers). These parts are engineered for high-durability electrical connections in outdoor and power-intensive environments. --- ### 1. Technical Specifications The "PV" designation generally indicates its primary application in Photovoltaic (solar) systems, while "C20" refers to its sizing or current rating. | Feature | Description | | :--- | :--- | | **Component Type** | Circular Connector (Receptacle) | | **Housing Material** | Thermoplastic (UV Resistant) | | **Contact Plating** | Tin or Silver (usually over Copper Alloy) | | **IP Rating** | IP67 or IP68 (Dust-tight, Waterproof) | | **Current Rating** | Up to 20A - 30A (depending on wire gauge) | | **Voltage Rating** | Typically 600V - 1000V DC | --- ### 2. Key Electronic Characteristics * **Low Contact Resistance:** The internal pins are designed to minimize power loss. In solar applications, high resistance leads to heat buildup and efficiency loss. * **UV and Weather Resistance:** The outer shell is made of high-grade polymers that do not degrade under constant exposure to sunlight or extreme temperature fluctuations (-40°C to +90°C). * **Locking Mechanism:** It features a snap-in or screw-lock mechanism to prevent accidental disconnection, which is a safety requirement for high-voltage DC circuits. * **Strain Relief:** The "R2" suffix often denotes a specific revision or a version with integrated cable glands to protect the internal wiring from mechanical stress. --- ### 3. Application Use Cases 1. **Solar Panel Interconnects:** Connecting individual solar modules to a string. 2. **Inverter Connections:** Feeding DC power into a central or micro-inverter. 3. **Industrial Sensors:** Used in harsh environments where standard plastic connectors would fail due to moisture. 4. **Battery Storage Systems:** Linking battery banks in off-grid power setups. --- ### 4. Comparison to Standard Connectors ```markdown Comparison: PV-C20-R2 vs. Standard Industrial Connector ------------------------------------------------------ 1. Flame Retardancy: PV-C20 uses UL94-V0 rated plastics. 2. Seal Integrity: Uses O-rings specifically rated for ozone exposure. 3. Locking: Requires a tool for disconnection (Safety requirement for PV). ```
    ✨ Follow-up Questions
    • What is the maximum wire gauge (AWG) supported by the PV-C20-R2?
    • Does this connector require a specific crimping tool for assembly?
    • What are the key differences between the R2 revision and the original R1 model?