データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PV10-R10

  • AI
    Based on your query, it appears you are referring to a common industrial component often associated with **Pneumatic or Hydraulic Solenoid Valves** or specific **Electronic Connectors** (such as those from brands like *Parker*, *Airtac*, or *Festo*). Below is a breakdown of the electronic and mechanical characteristics typically associated with the **PV10-R10** series. --- ## 1. Technical Specifications Overview The "PV" prefix usually denotes a proportional or pressure valve, while "R10" often signifies the resistance, flow rate, or port size. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Solenoid Valve / Proportional Valve | | **Operating Voltage** | 12V DC or 24V DC (Model dependent) | | **Coil Resistance** | 10 Ohms (Commonly indicated by R10) | | **Control Signal** | PWM (Pulse Width Modulation) or Analog | | **Power Consumption** | 1.0W to 4.8W | | **Response Time** | < 10ms - 20ms | --- ## 2. Key Electronic Components ### A. The Solenoid Coil The heart of the PV10-R10 is the electromagnetic coil. When current passes through this coil, it creates a magnetic field that moves a plunger to open or close the valve. * **R10 Significance:** The "R10" often refers to a **10-ohm internal resistance**. This is critical for calculating the current draw ($I = V/R$). * **Insulation Class:** Usually Class F or H, allowing for high-temperature operation without shorting. ### B. Electrical Connection * **Lead Wires:** Most units come with standard 18-24 AWG wires. * **Polarity:** In DC models, polarity is vital if an internal **flyback diode** is integrated to prevent voltage spikes when the coil is deactivated. ### C. Control Electronics Because this is often a proportional valve, it requires specific electronic driving: 1. **PWM Driver:** To achieve intermediate positions (not just ON/OFF), the controller rapidly toggles the voltage. 2. **Dither:** A small high-frequency AC signal is often superimposed on the DC control signal to prevent the plunger from "sticking" due to static friction (hysteresis). --- ## 3. Circuit Integration Example When connecting the PV10-R10 to a microcontroller (like an Arduino or PLC), the following circuit components are required: ```cpp // Logic for PWM Control of PV10-R10 int valvePin = 9; // PWM Output to MOSFET void setup() { pinMode(valvePin, OUTPUT); } void loop() { analogWrite(valvePin, 127); // Set valve to 50% flow } ``` ### Required Protection Components: * **MOSFET:** To handle the high current the coil requires (Logic level won't suffice). * **Flyback Diode (1N4007):** Placed in parallel with the valve to protect the electronics from inductive kickback. --- ## 4. Troubleshooting Electronic Issues | Issue | Potential Electronic Cause | | :--- | :--- | | **Valve won't open** | Blown fuse, insufficient voltage, or open circuit in the R10 coil. | | **Overheating** | Excessive voltage or running at 100% duty cycle for too long. | | **Erratic Flow** | Electrical noise in the PWM signal or lack of a Dither signal. | ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for your PV10-R10 model?
    • ⤷ Do you need a wiring diagram for connecting this to a PLC or Arduino?
    • ⤷ Are you looking for the mechanical flow rate specifications alongside the electrical data?