データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PV10FF-R10

  • AI
    The **PV10FF-R10** is a specific type of **Ring Terminal** (also known as a ring connector) commonly used in electrical wiring and electronics to establish a secure, permanent connection to a screw or stud. Below is a detailed breakdown of its technical specifications and electronic properties. --- ### 1. Technical Specifications The part number usually corresponds to industry-standard naming conventions (often associated with brands like Panduit). | Feature | Specification | | :--- | :--- | | **Terminal Type** | Ring Tongue / Ring Terminal | | **Insulation Material** | Vinyl (PVC) | | **Wire Gauge (AWG)** | 12 – 10 AWG | | **Stud Size** | #10 (approx. 5.0mm) | | **Material** | Copper (Tin-Plated for corrosion resistance) | | **Insulation Color** | Yellow (Standard for 10-12 AWG) | | **Voltage Rating** | 600V (Internal/Building), 1000V (Signs/Fixtures) | | **Maximum Temperature** | 221°F (105°C) | --- ### 2. Key Electronic Features #### A. Conductivity and Material The core is made of high-grade **electrolytic copper**. Tin plating is applied to prevent oxidation, ensuring that the electrical resistance remains low over the life of the connection. #### B. Funnel Entry Design The "FF" often denotes a funnel-shaped entry in the insulation. This allows the stranded wire to be inserted more easily, preventing "turned back" wire strands which could lead to a short circuit or high-resistance joint. #### C. Insulation (Vinyl) The yellow vinyl sleeve provides several benefits: * **Dielectric Strength:** Protects against accidental contact with other live components. * **Strain Relief:** Supports the wire at the crimp point to prevent breakage due to vibration. * **Color Coding:** Industry standard colors allow technicians to instantly identify the wire gauge (Yellow = 10-12 AWG). --- ### 3. Application and Installation * **Crimp Method:** Requires a mechanical or hydraulic crimping tool. The wire is stripped, inserted into the barrel, and compressed. * **Connection:** The ring is placed over a #10 threaded stud and secured with a nut. This provides a high-torque, vibration-resistant connection compared to spade terminals. * **Common Uses:** Power distribution blocks, automotive grounding, industrial control panels, and marine electronics. --- ### 4. Dimensional Diagram (Typical) ```text _ ( Stud Hole #10 ) / \ | O | <-- Ring Tongue \_/ | [---] <-- Vinyl Insulation (Yellow) [---] | | <-- 10-12 AWG Wire ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a ring terminal and a spade terminal for electronics?
    • ⤷ What tools are recommended for crimping 10 AWG vinyl-insulated terminals?
    • ⤷ How does tin plating affect the lifespan of an electrical connector in humid environments?