データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PV10FF-R100

  • AI
    The **PV10FF-R100** is a specific electronic component typically used in high-voltage and solar energy applications. It is part of a series of **High-Voltage Photo-Photovoltaic (PV) Rectifiers** or Fast Recovery Diodes. --- ### 1. Key Technical Specifications The part number indicates a high-performance diode designed to handle significant electrical stress. Below are the typical specifications for this component: | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | High Voltage Fast Recovery Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 10,000V (10kV) | | **Average Forward Current ($I_{F(AV)}$)** | 100mA - 200mA | | **Reverse Recovery Time ($t_{rr}$)** | 100ns (Nanoseconds) | | **Forward Voltage Drop ($V_{F}$)** | ~15V - 25V (due to high series junction) | | **Operating Temperature** | -55°C to +150°C | ### 2. Physical Construction * **Molding:** Usually encapsulated in a high-dielectric strength epoxy resin. * **Structure:** Since it handles 10kV, the internal structure consists of several silicon wafers stacked in series to prevent voltage breakdown. * **Leads:** Axial leaded design for easy PCB mounting through-hole. ### 3. Core Functions & Features * **Fast Recovery:** The "FF" or "R100" designation often refers to the **Fast Recovery** characteristic. This allows the diode to switch from a conducting state to a blocking state very quickly, reducing power loss in high-frequency circuits. * **High Isolation:** Designed to prevent arcing and electrical leakage at extremely high potential differences. * **Durability:** High reliability under harsh environmental conditions, common in outdoor photovoltaic systems. ### 4. Common Applications 1. **Photovoltaic Inverters:** Used to prevent reverse current flow from batteries or the grid back into the solar panels. 2. **X-Ray Power Supplies:** Used in voltage multiplier circuits to generate the high DC voltages required for X-ray tubes. 3. **Laser Power Supplies:** Handling the high-speed switching and high voltage required for gas lasers. 4. **Air Purifiers/Ionizers:** Part of the high-voltage DC generation stage. --- ### 5. Circuit Symbol & Wiring ```mermaid graph LR A[Anode +] ---|>|--- B[Cathode -] ``` *The Cathode is usually marked by a colored band on the body of the diode.*
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 100ns reverse recovery time in high-frequency switching?
    • ⤷ Can this diode be used in parallel to increase current capacity?
    • ⤷ How does temperature affect the leakage current of the PV10FF-R100?