データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PV10M-R10

  • AI
    The **PV10M-R10** is an industrial-grade, high-performance **Photoelectric Slot Sensor** (also known as a Fork Sensor or U-frame sensor) commonly used in automated labeling, packaging, and precision positioning systems. --- ### 1. Technical Specifications The following table highlights the core electronic and physical parameters of the PV10M-R10: | Feature | Specification | | :--- | :--- | | **Sensing Distance (Slot Width)** | 10 mm | | **Supply Voltage** | 10 to 30 VDC | | **Output Type** | NPN / PNP (Push-Pull) | | **Switching Frequency** | Up to 10 kHz (High Speed) | | **Light Source** | Infrared (IR) Light | | **Minimum Object Detection** | 0.5 mm (Gap/Label size) | | **Current Consumption** | ≤ 30 mA | | **Connection Type** | M8 4-pin Connector or Cable | --- ### 2. Core Electronic Components & Functions The PV10M-R10 operates using a sophisticated internal circuit designed for speed and reliability: * **Infrared Emitter:** An IR LED located on one side of the "U" arm. It emits a narrow beam that is invisible to the human eye, reducing interference from ambient visible light. * **Photo-Transistor (Receiver):** Located directly opposite the emitter. It converts the incoming light signal into an electrical current. * **ASIC (Application Specific Integrated Circuit):** This is the "brain" of the sensor. It processes the analog signal from the receiver, filters noise, and handles the logic for the output switching. * **Potentiometer / Teach Button:** Most R10 models feature a sensitivity adjustment tool. This allows the user to calibrate the sensor to distinguish between a translucent label and a solid backing paper. * **Output Driver:** A robust transistor-based circuit that provides the switching signal (NPN/PNP) to the PLC (Programmable Logic Controller). --- ### 3. Wiring Diagram (Standard M8 4-pin) To integrate the sensor into an electronic system, the pinout typically follows this standard: ```text Pin 1: Brown (+) -> 10-30V DC Pin 2: White (NC) -> Not connected (or Teach function) Pin 3: Blue (-) -> 0V (GND) Pin 4: Black (OUT)-> Control Signal (NPN/PNP) ``` --- ### 4. Key Advantages 1. **High Frequency:** The 10 kHz switching rate allows it to detect labels on conveyor belts moving at extremely high speeds without missing a pulse. 2. **Compact Metal Housing:** Usually built with a rugged aluminum or zinc die-cast frame to protect the internal electronics from vibration and electromagnetic interference (EMI). 3. **Stability:** High immunity to ambient light ensures that factory overhead lighting does not cause "ghost" triggers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output modes for this sensor?
    • ⤷ How do I calibrate the sensitivity for transparent labels?
    • ⤷ What are the mounting requirements for the PV10M-R10?