データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PV37W503C01B00

  • AI
    ## Technical Overview: PV37W503C01B00 The **PV37W503C01B00** is a high-precision, multi-turn trimming potentiometer manufactured by **Murata Electronics**. It is designed for fine-tuning resistance in electronic circuits, typically used in industrial equipment, measurement instruments, and telecommunications. --- ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | PV37W503C01B00 | | **Manufacturer** | Murata Electronics | | **Resistance Value** | 50 kΩ (50,000 Ohms) | | **Resistance Tolerance** | ±10% | | **Power Rating** | 0.25W (1/4 Watt) at 70°C | | **Number of Turns** | 12 Turns (Nominal) | | **Adjustment Type** | Top Adjustment | | **Mounting Type** | Through-Hole | | **Temperature Coefficient** | ±100ppm/°C | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Physical and Functional Characteristics * **Multi-Turn Precision:** Unlike standard single-turn potentiometers, this 12-turn model allows for extremely granular adjustments. This is essential for circuits requiring precise voltage or current calibration. * **Sealed Construction:** The unit is typically sealed to withstand automated soldering processes and board washing (IP64 equivalent). * **Material:** It utilizes a **Cermet** (Ceramic-Metal) resistive element, which provides better stability and a lower temperature coefficient than carbon-based elements. * **Wiper Protection:** The device features a clutch mechanism at both ends of the travel to prevent mechanical damage if the adjustment screw is turned beyond its limit. --- ### 3. Pinout and Circuit Representation The device follows the standard 3-pin configuration for a potentiometer: ```text (2) Wiper ^ | +----R----+ | | (1) (3) Terminal Terminal ``` * **Pin 1 & 3:** The ends of the resistive element (Total resistance of 50kΩ). * **Pin 2:** The "Wiper" which moves along the element as the screw is turned, providing a variable resistance relative to Pin 1 or Pin 3. --- ### 4. Common Applications 1. **Sensor Calibration:** Adjusting the gain or offset of analog sensors. 2. **Power Supplies:** Fine-tuning output voltage levels. 3. **LCD Contrast:** Setting the precise bias voltage for display clarity. 4. **Operational Amplifiers:** Setting the threshold or gain in precision signal conditioning circuits. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Cermet and Carbon elements in potentiometers?
    • ⤷ Can this part be used in surface-mount (SMD) applications?
    • ⤷ How do I read the 503 code in the part number?