PVC613
AI

The **PVC613** (specifically the **PowerView 613**) is a programmable engine controller and display unit manufactured by Enovation Controls (Murphy). It is primarily used in industrial and marine environments for monitoring electronic engines via J1939 CAN bus.
Below is an explanation of its core electronic components and technical specifications.
---
## 1. Core Technical Specifications
The device is designed as a rugged human-machine interface (HMI).
| Component | Specification |
| :--- | :--- |
| **Processor** | Renesas SH7723, 400 MHz |
| **Operating Voltage** | 6 VDC to 35 VDC (Reverse polarity protected) |
| **Display** | 3.5 inch (89mm) Color Transflective TFT LCD |
| **Resolution** | QVGA, 320 x 240 pixels |
| **Flash Memory** | 256 MB |
| **RAM** | 128 MB SDRAM |
---
## 2. Connectivity & I/O Interfaces
The electronic "backbone" of the PVC613 relies on its ability to communicate with Engine Control Units (ECUs) and other sensors.
### Communication Ports
* **CAN Bus (2 ports):** Supports CAN 2.0B. One port is typically dedicated to J1939 engine data, while the other can be used for NMEA 2000 or proprietary communications.
* **USB 2.0:** A full-speed host port used primarily for software updates and configuration loading.
* **RS-485:** Used for Modbus RTU communication to interface with legacy industrial equipment.
### Inputs and Outputs
The device features a versatile I/O set for integrating non-electronic engines or additional sensors:
* **Analog Inputs:** 3 inputs capable of reading 0-5V, 4-20mA, or resistive signals (e.g., fuel level or oil pressure senders).
* **Digital Inputs:** 1 input (Active Low).
* **Digital Outputs:** 2 Low-side FET outputs (500mA) for driving relays or alarms.
* **Frequency Input:** 1 input for magnetic pickup or alternator tachometer signals.
---
## 3. Physical & Environmental Design
The electronics are housed in a casing designed for extreme durability:
* **Enclosure:** Polycarbonate/ABS with integrated Deutsch-style connectors (DT04-12P and DT04-12PB).
* **Sealing:** IP66 and IP67 rated (waterproof and dust-tight).
* **Temperature Range:** Operating range from -40°C to +85°C (-40°F to +185°F).
* **Vibration/Shock:** Meets SAE J1113 requirements for heavy-duty off-road equipment.
---
## 4. Programming & Software Logic
The electronics function using a Linux-based operating system. Users customize the hardware behavior through:
1. **PowerVision Configuration Studio®:** A PC-based tool used to program the logic, define page layouts, and set alarm parameters.
2. **Modbus Integration:** Allows the device to act as a Master or Slave in a wider industrial network.
---
- ⤷
What is the pinout diagram for the PVC613 Deutsch connectors?
- ⤷ How do I update the firmware on a PowerView 613 via USB?
- ⤷ Can the PVC613 display NMEA 2000 data for marine applications?