データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PW170KB1503F01

  • AI
    The **PW170KB1503F01** is a high-performance external AC-to-DC power supply (Desktop Power Adapter) manufactured by **SL Power Electronics** (under the Condor/Ault brand families). It is specifically designed for medical and industrial applications that require high reliability and strict safety compliance. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100 - 240 VAC (Universal Input) | | **Output Voltage** | 15 VDC | | **Output Current** | 6.60 Amps | | **Total Power** | 100 Watts | | **Efficiency** | Typically >85% (Level V or VI compliant depending on revision) | | **Connector Type** | Usually a 4-pin DIN or Barrel (Varies by sub-model) | | **Safety Class** | Class I (Grounded) or Class II (Double Insulated) | --- ### 2. Internal Electronic Architecture The PW170 series utilizes a **Switch Mode Power Supply (SMPS)** topology. Here are the primary internal stages: 1. **Input Protection & EMI Filter:** * Contains MOVs (Metal Oxide Varistors) for surge protection. * Common-mode chokes and X/Y capacitors to suppress electromagnetic interference to meet **EN55011/22 Class B** standards. 2. **PFC Stage (Power Factor Correction):** * Since this is a 100W unit, it includes Active PFC circuitry to ensure the power factor is close to 0.99, reducing harmonic distortion on the AC line. 3. **PWM Controller & Switching MOSFETs:** * High-frequency switching transistors convert the rectified DC into high-frequency AC for the transformer. 4. **Isolation Transformer:** * Provides high-voltage isolation (typically 4000VAC for medical grades) between the AC mains and the DC output. 5. **Secondary Rectification & Filtering:** * Uses Schottky diodes or synchronous rectification for high efficiency. * Low-ESR electrolytic capacitors ensure low ripple and noise on the 15V output. --- ### 3. Critical Features for Applications * **Medical Certification (IEC 60601-1):** This part is often rated for 2 MOPP (Means of Patient Protection), making it safe for devices that come into contact with patients. * **Protection Circuits:** * **Overvoltage Protection (OVP):** Latches off if the output exceeds ~18V. * **Short Circuit Protection (SCP):** Auto-recovery mode (hiccup mode) if a short is detected. * **Thermal Protection:** Internal thermistors shut the unit down if it overheats. * **LED Indicator:** Usually features a green LED to signify "Output OK." --- ### 4. Comparison to Similar Models | Model | Output Voltage | Max Current | Power Rating | | :--- | :--- | :--- | :--- | | PW170KB1203F01 | 12V | 8.33A | 100W | | **PW170KB1503F01** | **15V** | **6.60A** | **100W** | | PW170KB2403F01 | 24V | 4.17A | 100W | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the 4-pin DIN connector on this model?
    • ⤷ How does 2 MOPP certification differ from standard industrial power supply ratings?
    • ⤷ Can this power supply be used for Li-ion battery charging directly?