データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PWC-1206LF-R-F

  • AI
    The **PWC-1206LF-R-F** is a specific surface-mount electronic component. Based on the part numbering convention (commonly used by manufacturers like TT Electronics/Welwyn), this is a **Pulse Withstanding Chip Resistor**. Below is a detailed breakdown of its technical specifications and physical characteristics. --- ### 1. Part Number Breakdown The alphanumeric code provides specific details about the component's architecture: | Segment | Meaning | Description | | :--- | :--- | :--- | | **PWC** | Series | Pulse Withstanding Chip (High power surge capability) | | **1206** | Case Size | Physical dimensions (approx. 3.2mm x 1.6mm) | | **LF** | Lead-Free | RoHS compliant, uses Matte Tin finish | | **R** | Resistance | Represents the decimal point (e.g., 1R0 = 1.0 $\Omega$) | | **F** | Tolerance | $\pm 1\%$ Precision | --- ### 2. Technical Specifications These resistors are designed to handle high-energy pulses that would typically destroy a standard thick-film resistor of the same size. | Parameter | Specification | | :--- | :--- | | **Power Rating** | 0.33 Watts (standard) up to 0.5 Watts (at $70^\circ C$) | | **Resistance Range** | Typically $1 \Omega$ to $10 M\Omega$ (depending on full code) | | **Operating Temp** | $-55^\circ C$ to $+155^\circ C$ | | **Max Working Voltage** | 200V | | **Pulse Performance** | Capable of withstanding $1.2/50\mu s$ and $10/700\mu s$ pulses | --- ### 3. Key Features & Applications #### Key Features * **Enhanced Surge Capacity:** Special construction allows the resistive element to dissipate sudden bursts of energy without "hot-spotting." * **Thick Film Technology:** Built using a robust metal glaze on a high-grade ceramic body. * **Wraparound Terminations:** Features an inner leach-resistant layer to ensure solder integrity during manufacturing. #### Common Applications * **Power Supplies:** Used as a sensing or limiting resistor in SMPS. * **Motor Control:** Protects circuitry from back-EMF or inrush currents. * **Telecommunications:** Protection against lightning surges or line interference. * **Automotive:** Withstands transient voltages in vehicle electronics. --- ### 4. Layout and Footprint For PCB design (EDA/CAD), use the standard **1206 (3216 Metric)** footprint: ```text Dimensions (mm): L: 3.20 ± 0.20 W: 1.60 ± 0.15 T: 0.55 ± 0.10 ``` ---
    ✨ Follow-up Questions
    • ⤷What is the peak pulse power limit for the PWC-1206 series?
    • ⤷ How does a 'Pulse Withstanding' resistor differ from a standard thick-film resistor?
    • ⤷ Can this resistor be used in AEC-Q200 automotive applications?