データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PWC2512AS-RFPB

  • AI
    The **PWC2512AS-RFPB** is a high-power, pulse-withstanding thick film surface mount resistor. It is part of the PWC (Pulse Withstanding Chip) series, specifically engineered to handle high energy surges that would typically damage standard thick film resistors. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Package Size** | 2512 (6432 Metric) | | **Resistance Range** | Typically 1Ω to 10MΩ (refer to specific variant) | | **Power Rating (@ 70°C)** | 1.5 Watts | | **Max Working Voltage** | 500V | | **Operating Temp Range** | -55°C to +155°C | | **Technology** | Thick Film on Ceramic | --- ### 2. Part Number Breakdown The suffixing and prefixing in this series typically follow this logic: * **PWC**: Pulse Withstanding Chip series. * **2512**: The physical dimensions (0.25" x 0.12"). * **AS**: Often denotes specific anti-sulfur properties or specific terminal finishes (depending on the manufacturer, usually Welwyn/TT Electronics). * **RFPB**: * **RF**: Often refers to the specific tolerance/packaging code. * **PB**: Lead-Free (Pb-free) termination/compliance. --- ### 3. Distinctive Features #### A. Pulse Performance The primary advantage of this part is its ability to withstand high energy pulses. While a standard 2512 resistor might fail during a capacitive discharge or a sudden voltage spike, the PWC series uses a specialized resistive element geometry to distribute thermal stress evenly. #### B. Power Density At **1.5W**, it offers a higher power rating than the standard 1.0W usually found in the 2512 form factor. This allows for PCB space savings by replacing multiple smaller resistors with a single PWC2512. #### C. Environmental Stability The "AS" designation usually implies **Anti-Sulfur** construction, making it suitable for harsh industrial environments where silver-sulfide growth (which causes resistor failure) is a concern. --- ### 4. Common Applications 1. **Power Supplies:** Used as a discharge resistor or for current sensing where inrush currents are present. 2. **Motor Controls:** Handling back-EMF and sudden surges during motor startup or braking. 3. **Circuit Protection:** Acting as a sacrificial element or a surge limiter in input stages. 4. **Automotive Electronics:** Used in lighting and battery management systems where reliability under load transients is critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak pulse power this resistor can handle for a 1ms duration?
    • ⤷ How does the 'AS' anti-sulfur feature prevent component failure in industrial settings?
    • ⤷ Can you provide a comparison between the PWC series and standard CR series resistors?