データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PWH10-R10

  • AI
    The **PWH10-R10** is a specific electronic component typically categorized as a **Wirewound Power Resistor**. It is designed for high-power applications where heat dissipation and stability are critical. Below is a detailed breakdown of its specifications, construction, and typical use cases. --- ## 1. Technical Specifications The part number follows a standard nomenclature used by various electronic component manufacturers. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Resistor | Fixed wirewound type | | **Power Rating** | 10 Watts | Can safely dissipate 10W of heat | | **Resistance Value** | 0.10 $\Omega$ (R10) | "R" acts as the decimal point | | **Tolerance** | $\pm 5\%$ (Typical) | Variance from the nominal resistance | | **Mounting Type** | Through-hole | Designed for PCB or terminal mounting | | **Construction** | Ceramic Core | High-grade alumina ceramic rod | --- ## 2. Key Electronic Features ### A. Low Resistance (R10) With a resistance value of only **0.1 Ohms**, this component is primarily used for **Current Sensing**. It allows a circuit to monitor high currents with minimal voltage drop. ### B. Wirewound Construction * **Winding:** A resistive wire (usually Nichrome) is wound around a non-conductive ceramic core. * **Coating:** The assembly is encapsulated in a flameproof, moisture-resistant material (often silicone or cement). * **Inductance:** Because it is a coil of wire, it has inherent inductance. It may not be suitable for very high-frequency applications. ### C. Thermal Performance 10 Watts is a significant amount of heat for a small component. The PWH10 is designed to operate at high temperatures, but it requires adequate ventilation or space on the circuit board to prevent damage to surrounding components. --- ## 3. Applications The PWH10-R10 is commonly found in the following electronic circuits: 1. **Power Supplies:** Used as a shunt resistor to measure output current. 2. **Motor Controllers:** To limit inrush current or monitor torque via current feedback. 3. **Battery Chargers:** Regulating the charge rate. 4. **Audio Amplifiers:** Used in the output stage for load stabilization. --- ## 4. Visual Identification and Marking * **Body:** Usually rectangular (ceramic/cement style) or cylindrical (silicone coated). * **Text:** Usually printed with "PWH10 R10J" or similar. * **PWH:** Series code (Power Wirewound High-temp). * **10:** Power rating (10W). * **R10:** 0.1 $\Omega$. * **J:** Tolerance code (J = 5%, K = 10%). ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the maximum current this resistor can handle?
    • ⤷ What are the alternatives if I need a non-inductive resistor?
    • ⤷ Does this component require a heatsink or air cooling?