データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PWHM10-R10

  • AI
    The **PWHM10-R10** refers to a high-power, wirewound resistor typically housed in a ceramic or aluminum case. In electronics, these parts are used for current sensing, power dissipation, and voltage division in heavy-duty circuits. --- ### 1. Technical Specifications The part number breakdown usually follows standard industry naming conventions for power resistors. | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Wirewound | Consists of a resistive wire wound around an insulating core. | | **Power Rating** | 10 Watts | The maximum heat the component can dissipate safely. | | **Resistance** | 0.10 $\Omega$ (R10) | "R10" indicates a resistance value of 0.10 Ohms. | | **Tolerance** | $\pm$5% or $\pm$10% | The allowable variance from the rated resistance. | | **Casing** | Ceramic/Cement | Often a rectangular block (Ceramic) for heat insulation. | --- ### 2. Internal Components and Construction The PWHM10-R10 is designed to handle high currents that would melt standard carbon film resistors. 1. **Resistive Element:** A high-quality alloy wire (usually Nickel-Chrome) wound onto a fiberglass or ceramic rod. 2. **Core:** A high-thermal conductivity ceramic core that supports the wire. 3. **Encapsulation:** The assembly is placed in a rectangular ceramic boat and filled with a non-flammable mineral-based cement or silicone. 4. **Terminals:** Thick tinned copper or steel leads to allow for high current flow without melting. --- ### 3. Application Use Cases Because the resistance is very low (0.10 $\Omega$), this part is rarely used for simple current limiting. Instead, it is used for: * **Current Sensing:** By measuring the voltage drop across the resistor ($V=IR$), a control circuit can calculate how much current is flowing through a motor or power supply. * **Inrush Limiting:** Used to prevent a massive surge of current when a large capacitor first charges up. * **Load Balancing:** Used in parallel power transistor setups to ensure each transistor carries an equal share of the current. * **Braking Resistors:** In small motor controllers to dissipate energy when the motor stops. --- ### 4. Code Example: Calculating Voltage Drop If you are using this resistor in a circuit to sense current, you can calculate the expected voltage using Ohm's Law: ```python # Simple Python script to calculate Voltage Drop across PWHM10-R10 resistance = 0.10 # Ohms (R10) current = 5.0 # Amps voltage_drop = current * resistance power_dissipated = (current**2) * resistance print(f"Voltage Drop: {voltage_drop}V") print(f"Power Dissipated: {power_dissipated}W") # Output: # Voltage Drop: 0.5V # Power Dissipated: 2.5W (Safe for a 10W resistor) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle before exceeding its 10W rating?
    • ⤷ How does the temperature coefficient affect the R10 resistance value during operation?
    • ⤷ What is the difference between the PWHM ceramic series and aluminum housed resistors?