データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PWHM10M-R100

  • AI
    The **PWHM10M-R100** belongs to a category of **Power Shunt Resistors**, specifically designed for current sensing applications in high-power environments. These components are critical for measuring current by monitoring the voltage drop across a known low-resistance value. --- ## 1. Technical Specifications The part number typically breaks down into specific electrical characteristics: | Parameter | Value / Description | |:--- |:--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Resistance Value** | 0.1 $\Omega$ (indicated by "R100") | | **Power Rating** | 10 Watts (indicated by "10M") | | **Tolerance** | Usually ±1% or ±5% (standard for this series) | | **Construction** | Metal Plate or Ceramic encased with axial leads | --- ## 2. Key Electronic Features ### A. Low Resistance (R100) The value of **0.1 Ohms** is chosen to minimize power loss. According to Ohm's Law ($P = I^2 \times R$), a low resistance ensures that even at high currents, the resistor does not dissipate excessive heat or cause a significant voltage drop in the main circuit. ### B. High Power Dissipation (10W) Standard resistors are usually 0.25W. At 10W, this component is designed to handle significant thermal energy. It often features: * **Flameproof coating:** To prevent fire during overload. * **Ceramic core:** For superior heat insulation and structural integrity. ### C. Temperature Coefficient of Resistance (TCR) These parts are engineered to have a low TCR. This ensures that as the resistor heats up, its resistance value stays stable, allowing for accurate current readings across a wide temperature range. --- ## 3. Applications and Usage In a typical circuit, the PWHM10M-R100 is placed in series with the load. The voltage across it is measured by an ADC or an Operational Amplifier: ```cpp // Example: Calculating Current from Shunt Voltage float shuntResistance = 0.1; // 100mOhms float measuredVoltage = getVoltageFromShunt(); // Voltage in Volts // Ohm's Law: I = V / R float currentAmps = measuredVoltage / shuntResistance; ``` ### Common Use Cases: 1. **Motor Control:** Monitoring stall current or protecting the driver. 2. **Battery Management Systems (BMS):** Tracking charge and discharge rates. 3. **Power Supplies:** Implementing over-current protection (OCP). 4. **DC-DC Converters:** Feedback loops for current regulation. --- ## 4. Physical Dimensions and Mounting The "M" designation often refers to a specific mounting style (Vertical or Radial). Because it dissipates 10W, it is recommended to: * Leave space between the resistor and the PCB surface. * Ensure adequate airflow if operating near the maximum power rating. * Use thick copper traces to handle the high current being measured.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle at 10W?
    • ⤷ How does a 4-terminal Kelvin connection differ from this 2-terminal resistor?
    • ⤷ What are the common failure modes for high-power shunt resistors?