データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PWLL10P-R100

  • AI
    The **PWLL10P-R100** is a specific model of a **Power Wirewound Resistor** manufactured by components companies like *Bourns* or *RCD Components* (depending on the specific series). It is designed to handle high power loads and provide high stability in harsh environments. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The alphanumeric code "PWLL10P-R100" can be decoded to understand its primary electrical properties: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Wirewound Resistor | Constructed by winding metal wire on an insulating core. | | **Resistance Value** | 0.100 $\Omega$ (100 m$\Omega$) | Indicated by "R100". This is a very low resistance value. | | **Power Rating** | 10 Watts | Indicated by "10". Can dissipate up to 10W of heat. | | **Tolerance** | Typically ±5% or ±10% | The allowable deviation from the nominal resistance. | | **Mounting Style** | Radial / Vertical | The "P" often denotes a PCB pin configuration for vertical mounting. | --- ## 2. Key Features ### A. Construction * **Core:** Usually a ceramic or fiberglass core. * **Winding:** A resistive wire (often Nickel-Chromium) is wound around the core. * **Coating:** Encased in a flameproof, moisture-resistant silicone or ceramic housing to protect against environmental stress. ### B. Low Inductance (LL) The "LL" in the part number often stands for **Low Inductance**. Standard wirewound resistors act like inductors due to their coil structure. "LL" versions use a **Bifilar winding** (winding the wire in two opposite directions) to cancel out magnetic fields, making them suitable for high-frequency or switching applications. ### C. Thermal Performance Because it is a 10W resistor, it is designed to operate at high temperatures. It is often used in "Current Sensing" or "Current Limiting" where significant current flows through the component. --- ## 3. Common Applications Due to its low resistance ($0.1\Omega$) and high power capacity ($10W$), this part is typically used in: 1. **Current Sensing:** Measuring the voltage drop across the resistor to determine the current flowing through a circuit ($I = V/R$). 2. **Inrush Current Limiting:** Protecting power supplies from a sudden surge of electricity when first turned on. 3. **Braking Resistors:** Used in small motor control circuits to dissipate energy. 4. **Voltage Dividers:** In high-power power supply units. --- ## 4. Typical Footprint (Dimensions) While exact dimensions vary by manufacturer, a 10W radial power resistor generally follows these physical constraints: * **Body Length:** ~35mm to 48mm * **Body Width:** ~10mm * **Lead Pitch:** Varies, but usually wide enough to allow for heat dissipation on the PCB. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the PWLL10P series?
    • ⤷ How does a bifilar winding reduce inductance in this resistor?
    • ⤷ What are the recommended PCB layout practices for 10W power resistors?