データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PXPPVC08RAM05BCL010PVC

  • AI
    The part number **PXPPVC08RAM05BCL010PVC** refers to a high-quality industrial M8 sensor/actuator cable assembly, typically manufactured by **Bulgin** (as part of their Buccaneer range). This component is designed for reliable connections in automation and harsh environments. --- ### Component Breakdown The alphanumeric code represents specific technical attributes of the cable: | Segment | Attribute | Description | | :--- | :--- | :--- | | **PXP** | Series | Bulgin Buccaneer Automation series | | **PVC** | Jacket Material | Polyvinyl Chloride (General purpose insulation) | | **08** | Thread Size | M8 Industrial Standard Connector | | **RAM** | Connector Type | Right Angle Male | | **05** | Pin Count | 5 Poles (Pins) | | **BCL** | Locking Type | Screw Coupling (Brass/Nickel plated) | | **010** | Length | 1.0 Meter Cable | | **PVC** | Cable Type | Standard PVC outer sheath | --- ### Technical Specifications Below are the typical electronic and mechanical characteristics for this specific part: #### 1. Electrical Ratings * **Voltage Rating:** Up to 60V AC/DC (standard for 5-pole M8). * **Current Rating:** ~3A per contact. * **Contact Resistance:** < 10mΩ. * **Insulation Resistance:** > 100MΩ at 500V DC. #### 2. Mechanical & Environmental * **IP Rating:** IP67 (Dust-tight and protected against immersion in water). * **Orientation:** 90-degree (Right Angle) allows for space-saving in tight enclosures. * **Operating Temperature:** Typically -25°C to +80°C. * **Mating Cycles:** > 100 cycles. --- ### Common Applications This part is widely used in industrial electronic systems for: * **Proximity Sensors:** Connecting inductive or capacitive sensors to a PLC. * **Actuators:** Powering small solenoid valves or motors. * **Factory Automation:** Use on robotic arms or conveyor lines where right-angle cable entry is required to prevent cable strain.
    ✨ Follow-up Questions
    • ⤷ What are the wiring color codes for the 5 pins in this M8 connector?
    • ⤷ What is the difference between PVC and PUR cable jackets for this part?
    • ⤷ Does this connector support EMI/RFI shielding?