データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PXPPVC12RAM04ACL030PVC

  • AI
    The part number **PXPPVC12RAM04ACL030PVC** refers to a high-quality industrial sensor/actuator cable assembly, typically manufactured by companies like **Bulgin** (as part of their Buccaneer series) or similar industrial connectivity specialists. Below is a detailed breakdown of its electronic and physical specifications. --- ### 1. Part Number Deciphering The string contains specific codes for the connector type, orientation, and cable material: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **PXP** | Series Prefix | Buccaneer M12 Series | | **PVC** | Cable Material | Polyvinyl Chloride (General Purpose) | | **12** | Size | M12 Standard Industrial Thread | | **RA** | Orientation | Right Angle (90-degree) | | **M** | Gender | Male | | **04** | Contacts | 4-Pole (4 Pins) | | **A** | Coding | A-Coded (Standard for Sensors/DC Power) | | **CL** | Coupling | Screw Lock / Metal Nut | | **030** | Length | 3.0 Meters | --- ### 2. Electrical Specifications These components are designed for industrial automation environments where reliability and moisture resistance are critical. * **Rated Voltage:** Typically up to **250V AC/DC**. * **Rated Current:** Usually **4A per contact**. * **Contact Resistance:** < 10 mΩ. * **Insulation Resistance:** > 100 MΩ. * **Coding:** **A-Coded**, which is the industry standard for sensors, actuators, and small DC motors to prevent accidental mismatching with Ethernet (D-coded) or Power (L/S-coded) lines. --- ### 3. Physical & Environmental Characteristics #### Construction * **Connector Body:** TPU (Thermoplastic Polyurethane) or similar overmold. * **Contact Material:** Brass or Phosphor Bronze with **Gold Plating** for superior conductivity and corrosion resistance. * **Coupling Nut:** Nickel-plated brass for high mechanical durability. #### Protection & Environment * **IP Rating:** **IP67** (Waterproof when mated and locked). * **Temperature Range:** -25°C to +80°C (Standard for PVC jackets). * **Cable Jacket:** PVC (Polyvinyl Chloride). This is ideal for environments where the cable is stationary or subject to low mechanical stress and is resistant to many chemicals and moisture. --- ### 4. Common Applications * **Industrial Automation:** Connecting Proximity sensors, Limit switches, and Photoelectric sensors. * **Robotics:** Used in non-continuous flexing points of robotic arms. * **Process Control:** Linking actuators to PLC (Programmable Logic Controller) I/O modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between A-coded and D-coded M12 connectors?
    • ⤷ Can this PVC cable be used in high-flex or continuous motion applications?
    • ⤷ How does an IP67 rating compare to IP69K for industrial connectors?