データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PXPPVC12RAM05BCL050PVC

  • AI
    The part number **PXPPVC12RAM05BCL050PVC** refers to a high-quality industrial connectivity component, specifically an **M12 Circular Connector Cable Assembly** from Bulgin's PXP series. Below is the detailed breakdown of its electronic and mechanical specifications. --- ### 1. Part Number Breakdown This alphanumeric code specifies every physical and electrical characteristic of the cable: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | PXP | Bulgin Buccaneer M12 Series | | **Material** | PVC | Polyvinyl Chloride (Cable Jacket Material) | | **Size** | 12 | M12 Connector Standard | | **Orientation** | RAM | Right Angle Male Connector | | **Coding** | 05 | 5 Poles (Pins) / A-Coded | | **Coupling** | BCL | Bayonet Locking Mechanism | | **Length** | 050 | 5.0 Meters | | **End 2** | PVC | Second end is typically a matching PVC jacketed pigtail/open end | --- ### 2. Electrical Specifications These parameters define the safe operating limits for signals and power passing through the connector. * **Rated Voltage:** Usually 60V AC/DC (standard for 5-pole M12). * **Rated Current:** 4A per contact. * **Contact Resistance:** < 10 mΩ. * **Insulation Resistance:** > 100 MΩ. * **Coding:** **A-Coded** (Standard for sensors, actuators, and DC power). --- ### 3. Mechanical & Environmental Features Designed for harsh industrial environments, this part features high ingress protection and robust construction. #### Ingress Protection (IP Rating) * **IP67:** Dust-tight and protected against immersion in water (up to 1m for 30 mins). * **IP69K:** Protected against high-pressure, high-temperature washdowns (common in food processing). #### Physical Attributes * **Locking Style:** Bayonet Locking. Unlike standard screw-thread M12s, the **BCL** system allows for a quick 1/4 turn connection that is vibration-resistant. * **Body Material:** TPU (Thermoplastic Polyurethane) or Nylon. * **Contact Plating:** Gold plated over Nickel for superior conductivity and corrosion resistance. * **Cable Jacket:** PVC (Best for general purpose, resistant to moisture and some chemicals). --- ### 4. Typical Applications * **Industrial Automation:** Connecting PLC inputs/outputs to sensors. * **Robotics:** Right-angle connectors are ideal for tight spaces where a straight cable would bend or break. * **Process Control:** Monitoring equipment in wet or dusty environments. * **Factory Floor:** Interfacing with motors or actuators using A-coded power distribution.
    ✨ Follow-up Questions
    • ⤷ What is the difference between A-coded and B-coded M12 connectors?
    • ⤷ Does this cable support high-speed data protocols like Ethernet?
    • ⤷ How does the bayonet locking mechanism compare to standard M12 screw threads?