データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PZ2012

  • AI
    The **PZ2012** series refers to a specific type of **Ferrite Chip Bead** (surface-mount device) manufactured primarily by companies like *Taiyo Yuden*. These components are designed for noise suppression in electronic circuits. ### 1. Fundamental Characteristics The "2012" in the name refers to the physical size of the component in the metric system. | Feature | Specification | | :--- | :--- | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Case Size (Imperial)** | 0805 (0.08" x 0.05") | | **Function** | EMI (Electromagnetic Interference) Suppression | | **Structure** | Multilayer internal electrode | --- ### 2. How it Works Unlike a standard inductor which stores energy, a ferrite bead acts like a **resistor at high frequencies**. It dissipates high-frequency noise as heat, preventing it from interfering with sensitive components. * **Low Frequency:** It has low impedance and allows DC/Low-frequency signals to pass with minimal resistance. * **High Frequency:** It presents high impedance, effectively blocking or "absorbing" noise. --- ### 3. Key Technical Parameters When selecting a PZ2012 part, engineers look at these three primary values: 1. **Impedance ($Z$):** Measured in Ohms ($\Omega$) at a specific frequency (usually 100MHz). Common values range from $30\Omega$ to $1000\Omega$. 2. **Rated Current ($I_{dc}$):** The maximum DC current the bead can handle without overheating. PZ series beads are often "high-current" types, capable of handling $1A$ to $6A$. 3. **DC Resistance ($R_{dc}$):** The resistance the part offers to DC signals. Lower is better to prevent voltage drops. --- ### 4. Common Applications The PZ2012 series is typically used in power supply lines where high currents are present: * **Power lines** in smartphones and tablets. * **USB VBUS lines** to prevent noise from entering/exiting the device. * **Power decoupling** for CPUs and GPUs. * **Automotive electronics** (AEC-Q200 qualified versions). --- ### 5. Part Number Example A typical part number might look like: `PZ 2012 U 601 - 1R5 T` | Code | Meaning | | :--- | :--- | | **PZ** | Series Name (High Current Ferrite Bead) | | **2012** | Dimensions (2.0 x 1.25 mm) | | **U** | Material Code (Frequency characteristics) | | **601** | Impedance (600 $\Omega$) | | **1R5** | Rated Current (1.5 Amperes) | | **T** | Packaging (Taping/Reel) | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PZ and FB series of ferrite beads?
    • ⤷ How do I calculate the voltage drop across a PZ2012 bead?
    • ⤷ Can PZ2012 beads be used in high-speed data lines?