データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • PZ2012E102-R60TF

  • AI
    The **PZ2012E102-R60TF** is a high-performance **Chip Ferrite Bead** manufactured by Taiyo Yuden. It is primarily used for noise suppression in electronic circuits by dissipating high-frequency noise as heat. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics and physical dimensions. | Feature | Specification | Description | | :--- | :--- | :--- | | **Impedance** | 1000 $\Omega$ | Measured at 100 MHz frequency. | | **Tolerance** | ±25% | The allowable deviation in impedance. | | **Rated Current** | 0.6 A (600 mA) | Maximum continuous DC current allowed. | | **DC Resistance** | 0.30 $\Omega$ (Max) | Resistance of the internal conductor. | | **Operating Temp** | -55°C to +125°C | Safe operating thermal range. | | **Package Size** | 0805 (Inch) / 2012 (Metric) | Physical dimensions: 2.0 x 1.25 mm. | --- ### 2. Breakdown of the Part Number Understanding the code helps in identifying the specific series and performance tier. * **PZ**: Series name (High current/High impedance type). * **2012**: Dimensions (2.0mm length x 1.25mm width). * **E**: Material code (Determines the frequency characteristics). * **102**: Impedance value ($10 \times 10^2 = 1000 \Omega$). * **R60**: Rated Current ($R60 = 0.60$ Amps). * **T**: Packaging (Taping/Reel). * **F**: Lead-free/RoHS compliant. --- ### 3. Key Applications and Usage Ferrite beads like the PZ2012E102-R60TF act as a **low-pass filter**. They allow DC and low-frequency signals to pass with minimal resistance while blocking high-frequency electromagnetic interference (EMI). #### Common Use Cases: 1. **Power Supply Lines:** Filtering noise in DC/DC converters to prevent ripple from affecting sensitive components. 2. **I/O Ports:** Suppressing noise on USB, HDMI, or Ethernet lines. 3. **Consumer Electronics:** Used extensively in smartphones, tablets, and laptops to maintain signal integrity. 4. **Automotive Infotainment:** Reducing interference in dashboard displays and sensors. --- ### 4. Implementation Example When placing this component on a PCB, it is typically placed in series with the power rail ($V_{cc}$) as close to the noise source or the target component as possible. ```mermaid graph LR A[Power Source] --> B[PZ2012E102-R60TF] B --> C[Sensitive IC / Load] B --- D[GND via Decoupling Cap] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ferrite bead and a standard inductor?
    • ⤷ How does the 'E' material code affect the frequency response?
    • ⤷ Can this part be used in high-speed data lines without signal distortion?