データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • QO21251021

  • AI
    The **QO21251021** is a specific model of a **Square D QO Miniature Circuit Breaker** manufactured by Schneider Electric. This part is widely used in residential and commercial electrical panels for circuit protection. Below is a breakdown of its technical specifications and electronic/mechanical components. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Product Type** | Miniature Circuit Breaker (MCB) | | **Current Rating** | 125 Amperes | | **Voltage Rating** | 120/240 V AC | | **Number of Poles** | 2-Pole (occupies 2 spaces in the panel) | | **Interrupt Rating** | 10 kA (10,000 Amps) | | **Mounting Type** | Plug-on (QO standard) | | **Wire Size Range** | #4 AWG to 2/0 AWG (Al/Cu) | --- ### Internal Components & Mechanisms While this is a thermal-magnetic breaker rather than a purely "electronic" device, it functions using two primary internal mechanisms: #### 1. Thermal Trip Mechanism (Bimetallic Strip) * **Function:** Handles **overloads**. * **Operation:** As current flows through the breaker, it heats a bimetallic strip. If the current exceeds 125A for a sustained period, the strip bends due to heat, eventually triggering the mechanical latch to open the contacts. #### 2. Magnetic Trip Mechanism (Electromagnet) * **Function:** Handles **short circuits**. * **Operation:** During a massive surge (short circuit), an internal electromagnet generates a force strong enough to pull the trip lever instantly. This provides a "fast trip" to prevent fire or equipment damage. #### 3. Arc Chute * **Function:** Extinguishes the electrical arc. * **Operation:** When the contacts pull apart under load, an arc is formed. The arc chute consists of parallel metal plates that divide, cool, and extinguish the arc safely. #### 4. Visi-Trip™ Indicator * A signature feature of the QO line. When the breaker trips, a highly visible **red indicator** appears in the window, making it easy to identify which circuit has failed among a row of breakers. --- ### Key Applications * **Main Breaker:** Often used as a main disconnect in small sub-panels. * **High-Load Circuits:** Ideal for large HVAC units, electric furnaces, or industrial machinery requiring a 125A feed. * **Compatibility:** Only fits into **Square D QO load centers** (not compatible with Homeline, GE, or Siemens panels). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the QO and Homeline series of breakers?
    • ⤷ Can this breaker be used in a 3-phase panel setup?
    • ⤷ What is the recommended torque setting for the wire terminals on this model?