データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • QO2DTI

  • AI
    The **QO2DTI** is a specific electrical accessory manufactured by Schneider Electric under the **Square D** brand. It is a **Handle Tie**, primarily used in residential and commercial electrical panels. --- ### 1. Technical Specifications The QO2DTI is not an active electronic component (like a transistor) but a mechanical safety component designed for use with **QO (Plug-on)** series circuit breakers. | Attribute | Specification | | :--- | :--- | | **Product Type** | Circuit Breaker Handle Tie | | **Compatibility** | Square D QO Single-Pole Breakers | | **Material** | High-strength rigid plastic/composite | | **Function** | Manual common trip/disconnect link | | **Pole Count** | Joins 2 adjacent single-pole breakers | --- ### 2. Functional Purpose The primary role of the QO2DTI is to physically link the toggle handles of two independent single-pole QO circuit breakers. This serves two main purposes: 1. **Common Switching:** It allows a user to manually turn two circuits OFF or ON simultaneously with one motion. 2. **240V Multi-Wire Branch Circuits:** It is often used to meet National Electrical Code (NEC) requirements for "simultaneous disconnect" on circuits that share a neutral wire. --- ### 3. Installation Overview The part is designed for simple, tool-free installation: * **Alignment:** The two single-pole breakers must be installed adjacent to each other in the load center. * **Insertion:** The QO2DTI "claws" or sleeves slide over the toggle handles of both breakers. * **Operation:** Once installed, moving one handle automatically moves the other. --- ### 4. Important Safety Distinction It is critical to distinguish between a **Handle Tie** and a **Common Trip** mechanism: * **Manual Linking:** The QO2DTI ensures that if a human flips the switch, both circuits move. * **Internal Tripping:** Unlike a factory-made 2-pole breaker, a handle tie **does not** guarantee that if one breaker trips due to an electrical fault (overload), it will mechanically pull the other breaker down. * **Application:** It is typically used for specific branch circuits rather than heavy 240V motor loads where internal common tripping is mandatory. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between QO2DTI and a standard 2-pole QO breaker?
    • ⤷ Is the QO2DTI compatible with Homeline (HOM) series breakers?
    • ⤷ In what specific NEC scenarios is a handle tie required?