データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • QPD1025LS2

  • AI
    # QPD1025LS2: Electronic Component Overview The **QPD1025LS2** is a high-power Discrete Gallium Nitride on Silicon Carbide (GaN on SiC) High Electron Mobility Transistor (HEMT). It is primarily designed for high-frequency applications, specifically for radar and aerospace systems operating in the L-band. --- ## 1. Key Specifications The following table highlights the critical electrical and physical parameters of the device: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Technology** | GaN on SiC | High efficiency and power density | | **Frequency Range** | 1.2 to 1.4 GHz | Optimized for L-Band | | **Output Power ($P_{sat}$)** | 1.8 kW | Peak Pulsed Power | | **Operating Voltage** | 65 V | Drain Voltage ($V_D$) | | **Power Gain** | ~18 dB | At 1.3 GHz | | **Drain Efficiency** | > 70% | High energy conversion | | **Package Type** | NI-1230 | Air-cavity ceramic package | --- ## 2. Functional Characteristics The QPD1025LS2 is engineered to handle extreme power demands in pulsed environments. Its internal structure and materials provide several advantages: ### A. Material Advantage (GaN on SiC) * **Thermal Conductivity:** The Silicon Carbide (SiC) substrate allows for superior heat dissipation compared to standard Silicon or GaAs. * **Power Density:** GaN technology allows the transistor to be much smaller than traditional LDMOS (Laterally Diffused Metal Oxide Semiconductor) parts for the same power output. ### B. Matching and Integration * **Internally Matched:** The device is pre-matched to simplify the design of the external input and output circuits. * **Pulsed Operation:** It is specifically optimized for pulsed RF signals, making it ideal for Identification Friend or Foe (IFF) and secondary surveillance radar. --- ## 3. Applications Due to its massive power output and frequency range, the QPD1025LS2 is found in: 1. **Avionics:** Transponders and distance measuring equipment (DME). 2. **Radar Systems:** L-band primary and secondary radar. 3. **Communication Systems:** High-power tactical radio links. --- ## 4. Example Circuit Requirements When integrating this part into a PCB, engineers must focus on: ```markdown - **Bias Sequencing:** Always apply negative Gate Voltage (Vgs) before Drain Voltage (Vds) to prevent device failure. - **Thermal Management:** Requires a high-performance heat sink or liquid cooling due to the 1.8kW output. - **Decoupling:** Large capacitors are required on the drain supply to handle high current pulses. ```
    ✨ Follow-up Questions
    • ⤷ How does the QPD1025LS2 compare to LDMOS technology in terms of efficiency?
    • ⤷ What are the recommended thermal management strategies for 1.8kW GaN devices?
    • ⤷ What is the specific gate-bias sequence required for this HEMT?