データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R-DE-R

  • AI
    The term **R-DE-R** typically refers to a specific naming convention or structural configuration often found in **Relays**, **Contactors**, or **Electromechanical components**. It most commonly identifies a configuration involving **Resistors (R)**, **Diodes (DE/D)**, and **Relays (R)** used for circuit protection and signal stabilization. --- ### 1. Component Breakdown In an R-DE-R circuit (often used in automotive or industrial control systems), the components serve the following functions: | Component | Full Name | Purpose in the Circuit | | :--- | :--- | :--- | | **R** | Resistor | Limits current flow and discharges stored energy to prevent overvoltage. | | **DE** | Diode (Electronic) | Acts as a "flyback" or "freewheeling" diode to prevent back-EMF. | | **R** | Relay | The electromechanical switch that opens or closes the main load circuit. | --- ### 2. The Circuit Logic (Protection Scheme) When a relay coil is de-energized, the magnetic field collapses rapidly, creating a high-voltage spike (Back-EMF) that can destroy sensitive electronics (like transistors or microcontrollers). The R-DE configuration is the protection network for the Relay coil. #### Key Features: * **Back-EMF Suppression:** The Diode (DE) ensures current flows in only one direction, snubbing the voltage spike. * **Voltage Balancing:** The Resistor (R) helps dissipate the energy as heat and can prevent the relay from staying "latched" due to residual magnetism. * **Polarity Protection:** These parts ensure that if the power is hooked up backward, the sensitive control circuit remains safe. --- ### 3. Common Applications These parts are integrated into modules for various industries: 1. **Automotive ECUs:** Protecting the Engine Control Unit from fuel injector or pump relay spikes. 2. **Industrial PLCs:** Safeguarding programmable logic controllers when switching heavy motor starters. 3. **Home Automation:** Found in smart switches to protect the internal Wi-Fi/Bluetooth chip from the physical relay movement. --- ### 4. Technical Specifications Table | Feature | Standard Value/Type | | :--- | :--- | | **Diode Type** | 1N4007 or Schottky (for faster switching) | | **Resistor Type** | Carbon Film or Metal Oxide (0.25W to 1W) | | **Relay Coil Voltage** | Typically 5V, 12V, or 24V DC | | **Mounting** | Through-hole (THT) or Surface Mount (SMD) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between using a diode versus a varistor for relay protection?
    • ⤷ How do I calculate the correct resistor value for an R-DE-R snubber circuit?
    • ⤷ Can this configuration be used for AC circuits as well as DC?