データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R022-R

  • AI
    The **R022-R** typically refers to a specific component designation or a part number often associated with **SMD (Surface Mount Device) resistors** or specific **potentiometer** series depending on the manufacturer (such as Noble or specialized industrial electronics). Below is an overview of the electronic properties and specifications generally associated with this part code. --- ### 1. Component Identification In the context of resistors, the "R" placement is a decimal marker. However, "R022-R" as a full part number most frequently identifies a **Current Sense Resistor** or a specific **Potentiometer** series. | Feature | Specification (General Resistor) | Specification (Noble/Potentiometer Series) | | :--- | :--- | :--- | | **Type** | Fixed Resistor (Current Sense) | Rotary Potentiometer | | **Value** | 0.022 Ohms ($22m\Omega$) | Varies (e.g., 10k, 20k, 50k) | | **Mounting** | SMD / Through-hole | Panel / PCB Mount | | **Suffix "-R"** | Often denotes "RoHS Compliant" | Denotes Taper or Shaft style | --- ### 2. Technical Specifications (Current Sense Context) If the part is a **low-ohmic resistor** used for current sensing (common in power supplies and battery management): * **Resistance Value:** $0.022\Omega$ (22 milliohms). The "R" acts as a decimal point. * **Tolerance:** Usually $\pm1\%$ (F) or $\pm5\%$ (J). * **Power Rating:** Typically ranges from $0.5W$ to $3W$ depending on the physical package size (e.g., 2512 or 1206). * **Function:** It measures voltage drop across the resistor to calculate current flow ($I = V/R$). --- ### 3. Technical Specifications (Potentiometer Context) If the part is an **R022 series potentiometer** (often found in audio equipment like mixers or amplifiers): * **Dual/Single Gang:** Often available in dual-unit configurations for stereo audio. * **Taper Type:** The "-R" suffix in audio components can indicate a **Reverse Logarithmic (C taper)** or a specific **Rotary** mounting style. * **Common Use Cases:** 1. Gain control in amplifiers. 2. Frequency adjustment in EQ circuits. 3. Volume control in compact consumer electronics. --- ### 4. Schematic Representation In a circuit diagram, the part is represented differently based on its function: ```text Fixed Resistor (Current Sense): (In) ---[ R022 ]--- (Out) | (Sense Lead) Potentiometer (R022 Series): (Pin 1) | (Pin 2) <--- [Wiper] | (Pin 3) ``` --- ### 5. Common Applications * **DC-DC Converters:** Monitoring output current to prevent over-current scenarios. * **Audio Mixing Consoles:** Compact faders or rotary knobs for signal processing. * **Battery Chargers:** Sensing the charging current to transition between CC (Constant Current) and CV (Constant Voltage) modes.
    ✨ Follow-up Questions
    • ⤷Is the R022-R you are referring to a surface mount resistor or a rotary dial?
    • ⤷ What is the specific manufacturer logo or brand name on the component?
    • ⤷ Are you looking for a replacement part or a datasheet for circuit design?