データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R2-E-R

  • AI
    To explain the electronic components of the **R2-E-R** (often associated with high-precision industrial relay modules or specific robotic controller architectures), we must break down its architecture into control, switching, and protection layers. --- ### 1. Core Component Breakdown The "R2-E-R" designation typically refers to a **2-Channel Electromechanical Relay Module** with specific logic inputs. Below is the functional mapping of its electronic parts: | Component Category | Specific Part Examples | Function | | :--- | :--- | :--- | | **Switching Element** | Electromagnetic Relays (5V/12V/24V) | Physically opens/closes the high-power circuit. | | **Isolation** | Optocouplers (e.g., PC817) | Separates the low-voltage control signal from high-voltage noise. | | **Driver Circuit** | NPN Transistors or Darlington Pairs | Amplifies the micro-controller signal to drive the relay coil. | | **Protection** | Flyback Diodes (1N4148 / 1N4007) | Dissipates voltage spikes when the relay coil de-energizes. | | **Indicators** | SMD LEDs | Provides visual status of the power and trigger states. | --- ### 2. Detailed Technical Specifications The electronics are designed to handle high-current loads while maintaining safety for the controlling device (like an Arduino, PLC, or Raspberry Pi). #### A. The Opto-Isolation Layer The "E" in many R-series models stands for **Enhanced Isolation**. Using an optocoupler ensures that if a surge occurs on the load side, it cannot travel back through the logic pins to destroy the CPU. #### B. The Flyback (Snubber) Diode Because a relay coil is an inductor, it stores energy in a magnetic field. When the current is cut, the field collapses and creates a high-voltage spike. The **Flyback Diode** is placed in parallel with the coil to safely recirculate this current. #### C. Terminal Blocks * **Input (Logic Side):** VCC, GND, IN1, IN2. * **Output (Load Side):** Three-pin screw terminals for **NO** (Normally Open), **COM** (Common), and **NC** (Normally Closed). --- ### 3. Connection Schematic Logic The following logic represents how the electronic parts interact: ```mermaid graph LR A[Microcontroller] --> B[Optocoupler] B --> C[Transistor Driver] C --> D[Relay Coil] D -.-> E[Flyback Diode] D --> F[Mechanical Switch] F --> G[External High Power Load] ``` ### 4. Safety and Ratings * **Contact Rating:** Usually 10A at 250VAC or 30VDC. * **Trigger Current:** 5mA to 20mA per channel. * **Dielectric Strength:** Often rated for 1kV to 5kV isolation depending on the specific manufacturer. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an R2-E-R and a Solid State Relay (SSR)?
    • ⤷ How do I wire a flyback diode if the module doesn't have one built-in?
    • ⤷ Can the R2-E-R be triggered by 3.3V logic or does it require 5V?