データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R3-ND1-R

  • AI
    The **R3-ND1-R** is a specific electronic component, typically categorized as a **High-Power Rectifier Diode** module, often used in industrial power electronics. It is frequently associated with brands like Mitsubishi or Sansha Electric (SanRex). --- ### 1. Component Overview The "R3" series generally refers to a Stud Mount or Bolt-on Rectifier Diode. This specific part is designed for high-current rectification and durability in harsh electrical environments. ### 2. Technical Specifications The following table outlines the typical electrical characteristics for this class of device: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Rectifier Diode | Converts AC to DC current. | | **Peak Reverse Voltage ($V_{RRM}$)** | 100V - 400V | Maximum voltage the diode can withstand in reverse bias. | | **Average Forward Current ($I_{F(AV)}$)** | 100A - 300A | Continuous current handling capability. | | **Mounting Style** | Stud / Bolt Mount | Ensures high thermal conductivity to a heatsink. | | **Polarity** | Standard / Reverse | "R" suffix often indicates Reverse Polarity (Stud is Anode). | --- ### 3. Key Features * **High Surge Capability:** Designed to handle momentary spikes in current (Inrush current). * **Rugged Construction:** Metal-to-ceramic hermetic seals for protection against humidity and dust. * **Thermal Management:** The stud-mounted design allows the component to be bolted directly to a metal heatsink for efficient heat dissipation. --- ### 4. Typical Applications This part is commonly found in heavy-duty industrial equipment: 1. **DC Power Supplies:** Large scale rectifiers for factory equipment. 2. **Welding Machines:** Providing high-current DC for arc welding. 3. **Battery Chargers:** Industrial-grade chargers for forklifts or backup systems. 4. **Motor Controls:** Used in the rectification stage of variable frequency drives (VFDs). ### 5. Identification Logic In these part numbers: * **R3:** Series/Frame size designator. * **ND:** Rectifier Diode classification. * **1:** Voltage/Current rating code (Specific to manufacturer). * **-R:** **Reverse Polarity**. In a standard diode, the stud is the Cathode; in an "-R" version, the stud is the **Anode**. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between standard and reverse polarity in stud diodes?
    • ⤷ How do I calculate the heatsink size for an R3-ND1-R diode?
    • ⤷ What are the equivalent replacement parts for the R3-ND1-R?