データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R5-RSA

  • AI
    The **R5-RSA** typically refers to a specific hardware configuration involving a **Rockchip RK3588 (R5)** System-on-Chip (SoC) integrated within a **Rack-mount Server Assembly (RSA)**. This setup is commonly used in edge computing, ARM-based servers, and high-density computing clusters. Below is an explanation of the primary electronic components involved in this architecture. --- ### 1. The Core Processor (SoC): Rockchip RK3588 The "R5" designation usually points to the RK3588, which is the heart of the system. | Component | Specifications | Function | | :--- | :--- | :--- | | **CPU** | Octa-core (4x Cortex-A76 & 4x Cortex-A55) | Handles general-purpose processing and server tasks. | | **GPU** | ARM Mali-G610 MP4 | Supports 8K video decoding and GUI rendering. | | **NPU** | 6 TOPS Neural Processing Unit | Accelerates AI workloads and machine learning inference. | | **Process** | 8nm LP | Ensures high energy efficiency for high-density racks. | --- ### 2. Memory and Storage Architecture The RSA design focuses on high-speed data throughput to prevent bottlenecks. * **RAM (LPDDR4x/LPDDR5):** Typically ranges from 4GB to 32GB per node. These are soldered onto the module to ensure stability in high-vibration rack environments. * **eMMC Flash:** Used for the primary Operating System (OS) boot. * **M.2 NVMe Slot:** The R5-RSA usually provides PCIe 3.0 lanes to support NVMe SSDs for high-speed data storage and database management. --- ### 3. Connectivity and Interface Electronics A server-grade assembly requires robust networking and expansion capabilities. | Interface Type | Electronic Part | Purpose | | :--- | :--- | :--- | | **Ethernet** | Dual 1000Mbps PHYs | Standard networking and cluster communication. | | **PCIe Interface** | PCIe Gen 3 Bridge | Connects external high-speed peripherals or AI accelerators. | | **USB Controllers** | USB 3.1 Gen 1 | High-speed data transfer for external diagnostic tools. | | **HDMI/DP** | Video Output Controllers | Supports 8K @ 60fps for digital signage or monitoring. | --- ### 4. Power Management (PMIC) Because the R5-RSA often lives in a multi-node rack, power distribution is critical. * **PMIC (Power Management IC):** RK806 or similar chips manage the complex voltage rails required by the SoC. * **DC-DC Converters:** Converts the rack's standard 12V or 19V input down to the 0.8V - 3.3V levels required by the internal circuitry. * **POE+ Support:** Many RSA designs include Power-over-Ethernet circuitry to simplify cabling. --- ### 5. Thermal and Mechanical Parts The "RSA" (Rack-mount) aspect adds specific environmental components: 1. **Active Cooling:** Integrated PWM fan headers connected to the SoC thermal sensors. 2. **Heat Spreaders:** Large aluminum or copper passive heatsinks designed for directional airflow within a server chassis. 3. **Status LEDs:** GPIO-controlled indicators for Link/Act, System Power, and Error codes. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical operating system options for the R5-RK3588 RSA architecture?
    • ⤷ How does the NPU in the R5-RSA compare to traditional x86 server performance for AI tasks?
    • ⤷ What is the maximum number of R5 nodes that can be housed in a standard 1U RSA chassis?