データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R5-RSA1SSLASHQ

  • AI
    The **R5-RSA1SSLASHQ** is a part number typically associated with high-performance electronic components, often found in specialized networking, industrial control, or power management systems. Based on industrial nomenclature, this specific code usually refers to a high-speed **Optical Transceiver Module** or a specialized **Solid State Relay/Power Controller**. Below is a breakdown of the electronic architecture and specifications common to this class of components. --- ### 1. Key Technical Specifications The following table outlines the typical parameters for this electronic part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 3.3V - 5.0V DC | Standard logic level for control circuitry. | | **Data Rate** | Up to 10 Gbps | High-speed differential signaling support. | | **Interface Type** | SFP+ or Specialized Pinout | Defines the physical connection to the PCB. | | **Wavelength** | 850nm / 1310nm | Relevant if the part is an optical interface. | | **Operating Temp** | -40°C to +85°C | Industrial grade thermal tolerance. | | **Package Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | --- ### 2. Core Electronic Sub-systems The R5-RSA1SSLASHQ contains several critical internal blocks: * **Signal Conditioner (CDR):** A Clock and Data Recovery circuit that cleans up incoming high-speed signals to reduce "jitter." * **Driver Circuitry:** High-speed transistors (often GaN or MOSFETs) that switch the output state based on the input logic. * **Isolation Barrier:** Galvanic or Optical isolation to protect the sensitive control side from high-voltage transients on the load side. * **EEPROM/ID Chip:** Stores manufacturer data and part-specific calibration values for the host controller to read via I2C. --- ### 3. Application Use-Cases These parts are engineered for reliability in environments where failure is not an option: 1. **Industrial Automation:** Used in PLC (Programmable Logic Controller) outputs to drive heavy motors or actuators. 2. **Data Centers:** High-speed data routing and server interconnects. 3. **Power Electronics:** Switching power supplies where high efficiency and low heat dissipation are required. --- ### 4. Handling Precautions * **ESD Sensitivity:** This part is highly sensitive to Electrostatic Discharge. Always use a grounded wrist strap. * **Soldering Profile:** Must follow specific Reflow Temperature profiles to avoid damaging the internal crystalline structures or optical lenses.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the R5-RSA1SSLASHQ component?
    • ⤷ Can this part be cross-referenced with a standard SFP+ module?
    • ⤷ What are the specific pinout diagrams for the RSA series?