データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R55-R

  • AI
    The designation **R55-R** typically refers to a specific component identifier within a circuit design (Reference Designator) or a specific part number for a resistor or relay. In the context of general electronics and industrial automation, here is the breakdown of what this part usually represents. ### 1. Common Identification: The Resistor In most Printed Circuit Board (PCB) layouts, "R55" is the **Reference Designator** for the 55th resistor in the circuit diagram. The suffix "-R" often denotes specific characteristics in manufacturing. | Feature | Description | | :--- | :--- | | **Component Type** | Passive Component (Resistor) | | **"-R" Suffix** | Usually stands for **RoHS Compliant** (Lead-free) or **Reel** (Packaging type). | | **Function** | Limits current flow, provides voltage division, or acts as a pull-up/pull-down. | --- ### 2. Specific Part: Industrial Relay (Omron/Generic) The "R55" series is also a common identifier for specific **Electromechanical Relays** used in industrial control panels. * **Coil Voltage:** Usually specified after the R55-R prefix (e.g., 12VDC, 24VDC, or 240VAC). * **Contact Rating:** Often rated for 5A to 10A depending on the specific model. * **Mounting:** Typically designed for PCB mounting or socket insertion (DIN rail). --- ### 3. Technical Specifications (General Resistor R55-R) If you are looking at a bill of materials (BOM) for a specific electronic device, the parameters for an "R55-R" resistor often follow these standards: | Parameter | Typical Value / Meaning | | :--- | :--- | | **Resistance** | Determined by the value code printed on the body (e.g., 102 = 1kΩ). | | **Tolerance** | Usually ±1% or ±5%. | | **Power Rating** | Commonly 1/8W or 1/4W for SMD components. | | **Package Size** | Often 0603, 0805, or 1206 surface mount sizes. | --- ### 4. How to identify the part on a PCB To verify what your specific R55-R is, check the following: 1. **The Symbol:** Is it a zigzag/rectangle (Resistor) or a box with a switch icon (Relay)? 2. **The Markings:** Look for a 3 or 4-digit code on the component body. 3. **The Datasheet:** Cross-reference the "R55-R" code with the manufacturer's name (e.g., Yageo, Vishay, or Omron) usually found on the device casing or packaging. ---
    ✨ Follow-up Questions
    • ⤷Are you looking for the specifications of a specific resistor value or a relay module?
    • ⤷ What is the brand name or the device where you found the R55-R marking?
    • ⤷ Do you need help calculating the resistance value based on the color codes or SMD markings?